Electronic Components Datasheet Search
  English  ▼

X  

34702 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
34702
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
INTRODUCTION
The 34702 incorporates a high-performance synchronous
buck regulator, supplying the microprocessor’s core, and a
low dropout (LDO) linear regulator providing the
microprocessor I/O and bus voltages. This device
incorporates many advanced features; e.g., precisely
maintained up/down power sequencing, ensuring the proper
operation and protection of the CPU and power system.
Figure 11. 34702 Functional Internal Block Diagram
BOOST REGULATOR
A boost regulator provides a high voltage necessary to
properly drive the buck regulator power MOSFETs,
especially during the low input voltage condition. The LDO
regulator external N-channel MOSFET gate is also powered
from the boost regulator. In order to properly enhance the
high-side MOSFETs when only a +3.3 V supply rail powers
the integrated circuit, the boost regulator provides an output
voltage of 7.75 V nominal value.
The 34702 boost regulator uses a simple hysteretic
current control technique, which allows fast power-up and
does not require any compensation. When the boost
regulator main power switch (low side) is turned on, the
current in the inductor starts to ramp up. After the inductor
current reaches the upper current limit (nominally set at
1.0 A), the low-side switch is turned off and the current
charges the output capacitor through the internal rectifier.
When the inductor current falls below the valley current limit
value (nominally 600 mA), the low-side switch is turned on
again, starting the next switching cycle. After the boost
regulator output capacitor reaches approximately 6.0 volts,
the peak and valley current limit levels are proportionally
scaled down to approximately one fifth of their original values.
When the boost regulator reaches its regulation limit (7.75 V
typical), the low-side switch is turned off until the output
voltage falls below the regulation limit again.
The higher current limit values in the beginning of the
boost regulator start-up sequence allow fast power up of the
whole IC, while the normal operation with reduced current
limit greatly reduces the switching noise and therefore
improves the overall EMC performance. See Figure 12 for
the boost regulator output voltage and inductor current
waveforms (picture not to scale).
Boost Regulator
Reset Control
VDDI
Power Sequencing
I2C Interface
Voltage Margining
Internal
Bandgap
Voltage
Thermal Shutdown
Switcher
UVLO
Buck Control Logic
Linear Regulator
ILIM
Buck HS and
LS Driver
Control
Oscillator
300 kHz
Watchdog Timer
Reference
Supply
POR Timer
Bandgap
Voltage
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com