Electronic Components Datasheet Search
  English  ▼

X  

34702 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
34702
TYPICAL APPLICATIONS
Figure 33. Simplified Block Diagram and Basic Application
100 uF
Buck
Control
Logic
+
-
+
-
Thermal
Limit
Current
Limit
Error
Amp.
PWM
Comp.
UVLO
VBST
VDDI
SW
FREQ
Power
Down
Reset
Control
POR
Timer
SysCon
SysCon
INV
EN2
GND
0.8V
R
b
(2)
EN1
SoftSt
CLKSYN
VIN2
Buck
HS
&
LS
Driver
VBST
Vref
Vref
Power
Enable
8.0V
VBST
Boost
Control
VBD
10uF
VDDI
LDRV
Vref
LFB
CS
LDO
RT
RESET
+3.3V
Supply
Voltage
VDDI
R
S
SDA
SCL
Ct
PGND
Reset
R
F
4.7 uH
10uH
VIN1
VIN
BOOT
CLKSEL
VOUT
VLDO
C
B
LCMP
VBST
L1
C
O
C
IN
Vref
VDDI
Q2
Q1
(2)
(2)
(4)
ADDR
I2C
Interface
Rt
I2C
Control
I2C
Control
C
LDO
5 x 2.2 uF
C
BST
D
B
Q
LDO
L
BST
0.1uF
VDDI
R
pd
10k
VDDI
Internal
Supply
VDDI
Bandgap
Voltage
Reference
Power
Sequencing
Voltage Margining
W-dog Timer
VBST
Ramp
Gen.
VOUT
To Reset
Control
Pow.
Seq.
Switcher
Oscillator
300kHz
C
IN
VBST
Linear
Regulator
Control
I-lim
VOUT
100pF
1.5k
2 x 22 uF
10uF
6.8nF
470pF
39k
300k
27k
300
(Optional)
5.1k
100k
100nF
1.0 uF
0.022 R
Pow. Seq.
4.7k
1.5k
Q3
Q4
INV
LFB
+
100 uF
Buck
Control
Logic
Buck
Control
Logic
+
-
+
-
+
-
+
-
Thermal
Limit
Current
Limit
Error
Amp.
PWM
Comp.
UVLO
VBST
VDDI
SW
FREQ
Power
Down
Reset
Control
POR
Timer
SysCon
SysCon
INV
EN2
GND
0.8V
R
b
(2)
EN1
SoftSt
CLKSYN
VIN2
Buck
HS
&
LS
Driver
Buck
HS
&
LS
Driver
VBST
Vref
Vref
Power
Enable
8.0V
VBST
Boost
Control
Boost
Control
VBD
10uF
VDDI
LDRV
Vref
LFB
CS
LDO
RT
RESET
VDDI
R
S
SDA
SCL
Ct
PGND
Reset
R
F
4.7 uH
10uH
VIN1
VIN
BOOT
CLKSEL
VOUT
VLDO
C
B
LCMP
VBST
L1
C
O
C
IN
Vref
VDDI
Q2
Q1
(2)
(2)
(4)
ADDR
I2C
Interface
Rt
I2C
Control
I2C
Control
C
LDO
5 x 2.2 uF
C
BST
D
B
Q
LDO
L
BST
0.1uF
VDDI
R
pd
10k
VDDI
Internal
Supply
VDDI
Bandgap
Voltage
Reference
Power
Sequencing
Voltage Margining
W-dog Timer
VBST
Ramp
Gen.
Ramp
Gen.
VOUT
To Reset
Control
Pow.
Seq.
Switcher
Oscillator
300kHz
C
IN
VBST
Linear
Regulator
Control
I-lim
Linear
Regulator
Control
I-lim
VOUT
100pF
1.5k
2 x 22 uF
10uF
6.8nF
470pF
39k
300k
27k
300
(Optional)
5.1k
100k
100nF
1.0 uF
0.022 R
Pow. Seq.
4.7k
1.5k
Q3
Q4
INV
LFB
+
+
7.75V
RST
RST
+3.3V
Supply
Voltage
VOUT=1.8V
VLDO=3.3V
@1.0A
+3.3V
or
VLDO
to MCU
Q5
Q6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com