Electronic Components Datasheet Search
  English  ▼

X  

34702 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
34702
PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
Important: For the most current package revision, visit www.freescale.com and perform a “keyword” search for
“98AARH99137A”.
CASE 1324–02
ISSUE A
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
3. DATUMS B AND C TO BE DETERMINED AT THE
PLANE WHERE THE BOTTOM OF THE LEADS
EXIT THE PLASTIC BODY.
4. THIS DIMENSION DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURRS. MOLD
FLASH, PROTRUSION OR GATE BURRS SHALL
NOT EXCEED 0.15 MM PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
5. THIS DIMENSION DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH AND PROTRUSIONS SHALL
NOT EXCEED 0.25 MM PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
6. THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED 0.4 MM PER SIDE. DAMBAR
CANNOT BE LOCATED ON THE LOWER RADIUS
OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD SHALL NOT
LESS THAN 0.07 MM.
7. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8. THESE DIMENSIONS APPLY TO THE FLAT
SECTION OF THE LEAD BETWEEN 0.10 MM AND
0.3 MM FROM THE LEAD TIP.
9. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM. THIS DIMENSION IS
DETERMINED AT THE OUTERMOST EXTREMES
OF THE PLASTIC BODY EXCLUSIVE OF MOLD
FLASH, TIE BAR BURRS, GATE BURRS AND
INTER–LEAD FLASH, BUT INCLUDING ANY
MISMATCH BETWEEN THE TOP AND BOTTOM
OF THE PLASTIC BODY.
CL
10.9
7.4
1
16
17
32
0.10
A
2.35
SEATING
PLANE
0.9
SECTION B–B
0.65
R0.08 MIN
B
A
PIN 1 ID
(0.29)
0.38
0.25
(0.203)
PLATING
BASE METAL
SECTION A–A
ROTATED 90 CLOCKWISE
_
8
0.19
0.22
9
5
0.13 M
CA M
B
6
A
C
7.6
11.1
9
4
10.3
5.15
A
32X
30X
2.65
0.3
A
2X 16 TIPS
B
C
BB
0.29
0.13
0.5
0
°
8°
0°
0.25
GAUGE PLANE
MIN
98AARH99137A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com