Electronic Components Datasheet Search
  English  ▼

X  

34702 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
34702
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 15. LDO Converter Overcurrent Protection
The output voltage VOUT can be adjusted by means of an
external resistor divider connected to the feedback control
pin INV. The switching regulator output voltage can be
adjusted in the range of 0.8 V to VIN - buck dropout voltage.
Power-up, power-down, and fault management are
coordinated with the linear regulator.
SWITCHER OSCILLATOR
A 300 kHz (default) oscillator sets the switching frequency
of the buck regulator. The frequency of the oscillator can be
adjusted between 200 kHz and 400 kHz by an optional
external resistor RF connected from the FREQ pin of the
integrated circuit to ground. See Figure 6 on page 14 for
frequency resistor selection.
The CLKSYN pin can be configured as either an oscillator
output when the CLKSEL pin is left open or as a
synchronization input when the CLKSEL pin is grounded.
The oscillator output signal is a square wave logic signal with
50% duty cycle, 180 degrees out-of-phase with the internal
clock signal. This allows opposite phase synchronization of
two 34702 devices.
When the CLKSYN pin is used as a synchronization input
(CLKSEL pin grounded), the external resistor RF chosen
from the chart in Figure 6 should be used to synchronize the
internal slope compensation ramp to the external clock.
Operation is only recommended between 200 kHz and
400 kHz. The supplied synchronization signal does not need
to be 50% duty cycle. Minimum pulse width is 1.0 µs.
LOW DROPOUT LINEAR REGULATOR (LDO)
The adjustable low dropout linear regulator (LDO) is
capable of supplying a 1.0 A output current. It has a current
limit with retry capability. When the voltage measured across
the current sense resistor reaches the 50 mV threshold, the
control circuit limits the current for 10 ms. If the overcurrent
condition still exists, the linear regulator is turned off and the
retry timer starts to time out. When the timer expires after
100 ms, the LDO tries to power up again for 10 ms,
repeatedly checking for the overcurrent condition. The
current limit of the LDO can be set by using the following
formula:
ILIM = 50 mV/RS
Where RS is the LDO current sense resistor, connected
between the CS pin and the LDO pin output (see Figure 33
on page 34), and 50 mV is the typical value of the LDO
current sense comparator threshold voltage.
When no current sense resistor is used, it is still possible
to detect the overcurrent condition by tying the current sense
pin CS to the VBST voltage. In this case, the overcurrent
condition is sensed by saturation of the linear regulator driver
buffer.
The output voltage of the LDO can be adjusted by means
of an external resistor divider connected to the feedback
control pin LFB. The linear regulator output voltage can be
adjusted in the range of 0.8 V to VIN - LDO dropout voltage.
Power-up, power-down, and fault management are
coordinated with the switching regulator.
POWER SEQUENCING VOLTAGE MARGINING
WATCHDOG TIMER
A watchdog function is available via I2C bus
communication. It is possible to select either window
watchdog or time-out watchdog operation, as illustrated in
Figure 16.
Watchdog time-out starts when the watchdog function is
activated via I2C bus sending a Watchdog Programming
command byte, thus determining watchdog operation
(window or time-out) and period duration (refer to Table 8,
page 27). If the watchdog is cleared by receiving a new
Watchdog Programming command through the I2C bus, the
watchdog timer is reset and the new time-out period begins.
If the watchdog time expires, the RST will become active
(LOW) for a time determined by the RC components of the
RT timer plus 10 ms. After a watchdog time-out, the function
is no longer active.
Figure 16. Watchdog Operation
50% of Watchdog Period
Watchdog Period
Timing Selected via 12C Bus – See Table 4
Watchdog Closed
No Watchdog Clear Allowed
Window Open
for Watchdog Clear
Window Open for Watchdog Clear
Watchdog Period
Timing Selected via I2C Bus – See Table 4
Window Watchdog
Time-Out Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com