Electronic Components Datasheet Search
  English  ▼

X  

34702 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34702
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LINEAR REGULATOR (LDO)
LDO Feedback Voltage (16)
VIN1 = VIN2 = 2.8 V to 6.0 V, ILDO = 10 mA to 1000 mA. Includes Load
Regulation Error
VLFB
0.784
0.800
0.816
V
LDO Voltage Margining Step Size
VMLDO
–1.0
–
%
LDO Voltage Margining Highest Positive Value
VMP
5.9
7.0
7.9
%
LDO Voltage Margining Lowest Negative Value
VMN
-7.9
7.0
-5.9
%
LDO Line Regulation (16)
VIN1 = VIN2 = 2.8 V to 6.0 V, ILDO = 1000 mA
REGLNVLDO
-1.0
–
1.0
%
LDO Load Regulation (16)
ILDO = 10 mA to 1000 mA
REGLDVLDO
-1.0
–
1.0
%
LDO Ripple Rejection, Dropout Voltage (16)
VDO = 1.0 V, VRIPPLE = +1.0 V p-p
Sinusoidal, f = 300 kHz, ILDO = 500 mA (15)
VLDO_RR
–40
–
dB
LDO Maximum Dropout Voltage (VIN - VLDO), using IRL2703 (16)
VLDO = 2.5 V, ILDO = 1000 mA
VDO
–50
75
mV
LDO Current Sense Comparator Threshold Voltage (VCS - VLDO)
VCSTH
35
50
65
mV
LDO Pin Input Current, VLDO = 5.25 V
ILDO
1.0
1.9
4.0
mA
LDO Feedback Input Current (LFB Pin), VLFB = 0.8 V
ILFB
-1.0
–
1.0
µA
LDO Drive Output Current (LDRV Pin), VLDRV = 0 V
ILDRV
-5.0
-3.3
-2.0
mA
CS Pin Input Leakage Current
VCS = 5.25 V
ICSLK
50
–
200
µA
LDO Pulldown MOSFET Q4 Current Limit
TA = 25°C, VBST = 8.0 V (LDO Pin)
IM4_LIM
0.75
–
2.0
A
LDO Pulldown MOSFET Q4 RDS(ON)
ID = 1.0 A, V
BST = 8.0 V
RDS(ON)
––
1.9
Ω
LDO Recommended Output Capacitance
CLDO
–10
–
µF
LDO Recommended Output Capacitor ESR
ESRCLDO
–5.0
–
m
Ω
Thermal Shutdown (LDO Pull-down MOSFET Q4) (15)
TSD
150
170
190
°C
Thermal Shutdown Hysteresis (15)
TSDHYS
–10
–
°C
Notes
15.
Design information only. This parameter is not production tested.
16.
IDO refers to Load Current on External LDOFET - IRL2703 is the Intersil MOSFET IRL2703
Table 3.
Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com