Electronic Components Datasheet Search
  English  ▼

X  

34702 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34702
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
POWER SUPPLY PIN (VDDI)
Internal supply voltage. A ceramic low ESR 1uF 6V X5R or
X7R capacitor is recommended.
ADDRESS PIN (ADDR)
The ADDR pin is used to set the address of the device
when used in an I2C communication. This pin can either be
tied to VDDI or grounded through a 10 k
Ω resistor. Refer to
I2C Bus Operation on page 26 for more information on this
pin.
ENABLE 1 AND 2 PINS (EN1 AND EN2)
These two pins permit positive logic control of the Enable
function and selection of the Power Sequencing mode
concurrently. Table 5 depicts the EN1 and EN2 function and
Power Sequencing mode selection.
Both EN1 and EN2 pins have internal pull-down resistors
and both can withstand a short circuit to the supply voltage,
6.0 V.
RESET TIMER PIN (RT)
The Reset Timer power-up delay (RT) pin is used to set
the delay between the time when the LDO and switcher
outputs are active and stable and the RST output is released.
An external resistor and capacitor are used to program the
timer. The power-up delay can be obtained by using the
following formula:
tD = 10 ms + RtCt
Where Rt is the Reset Timer programming resistor and Ct
is the Reset Timer programming capacitor, both connected in
parallel from RT to ground.
Note Observe the maximum Ct value and expect reduced
accuracy if Rt is less than 10 kΩ.
RESET OUTPUT PIN (RST)
The Reset Control circuit monitors both the switching
regulator and the LDO feedback voltages. It is an open drain
output and has to be pulled up to some supply voltage (e.g.,
the output of the LDO) by an external resistor.
The Reset Control circuit supervises both output
voltages—the linear regulator output VLDO and the switching
regulator output VOUT. When either of these two regulators
is out of regulation (high or low), the RST pin is pulled low.
There is a 20 µs delay filter preventing erroneous resets.
During power-up sequencing, RST is held low until the Reset
Timer times out.
CLOCK SELECTION PIN (CLKSEL)
This pin sets the CLKSYN pin as either an oscillator output
or a synchronization input pin. The CLKSEL pin is also used
for the I2C address selection.
CLOCK SYNCHRONIZATION PIN (CLKSYN)
Oscillator output/synchronization input pin.
Table 5.
Operating Mode Selection
EN1
EN2
Operating Mode
0
0
Regulators Disabled
0
1
Standard Power Sequencing
1
0
Inverted Power Sequencing
1
1
No Power Sequencing,
Regulators Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com