Electronic Components Datasheet Search
  English  ▼

X  

SA601 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA601 Datasheet HTML 2Page - NXP Semiconductors SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors SA601 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
December 15, 1994
6
TYPICAL PERFORMANCE CHARACTERISTICS
CH1
S22
1
U
FS
4:
99.543
Ω
-85.949
Ω
8.937 pF
START
200.000 000
MHz
STOP
1200.000 000
MHz
1:
2:
3:
31.48
Ω
-14.217
Ω
900 MHz
44.82
Ω
-30.191
Ω
600 MHz
58.725
Ω
-50.83
Ω
400 MHz
200.000 000 MHz
Figure 3. LNA Input and Output Match (at Device Pin)
CH1
S11
1
U
FS
4:
63.852
Ω
-160.23
Ω
4.9269 pF
200.000 000 MHz
START
200.000 000
MHz
STOP
1200.000 000
MHz
1:
2:
3:
27.471
Ω
-35.48
Ω
600 MHz
21.286
Ω
-12.381
Ω
900 MHz
36.43
Ω
-70.445
Ω
400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com