Electronic Components Datasheet Search
  English  ▼

X  

SA601 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA601 Datasheet HTML 1Page - NXP Semiconductors SA601 Datasheet HTML 2Page - NXP Semiconductors SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
1
December 15, 1994
853-1733 14477
DESCRIPTION
The SA601 is a combined RF amplifier and mixer designed for
high-performance low-power communication systems from
800-1200MHz. The low-noise preamplifier has a 1.6dB noise figure
at 900MHz with 11.5dB gain and an IP3 intercept of -2dBm at the
input. The gain is stabilized by on-chip compensation to vary less
than
±0.2dB over -40 to +85°C temperature range. The
wide-dynamic-range mixer has a 9.5dB noise figure and IP3 of
–2dBm at the input at 900MHz. The nominal current drawn from a
single 3V supply is 7.4mA. The Mixer can be powered down to
further reduce the supply current to 4.4mA.
FEATURES
• Low current consumption: 7.4mA nominal, 4.4mA with the mixer
powered-down
• Outstanding LNA noise figure: 1.6dB at 900MHz
• High system power gain: 18dB (LNA + Mixer) at 900MHz
• Excellent gain stability versus temperature and supply voltage
• External >-7dBm LO can be used to drive the mixer
PIN CONFIGURATION
DK Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
VCC
GND
LNA OUT
GND
MIXER IN
GND
MIXER OUT
MIXER OUT
GND
VCC
VCC
LNA GND
LNA IN
GND
GND
GND
MIXER PWRDN
GND
LOIN1
LOIN2
APPLICATIONS
• 900MHz cellular front-end (NADC, GSM, AMPS, TACS)
• 900MHz cordless front-end (CT1, CT2)
• 900MHz receivers
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Shrink Small Outline Package (Surface-mount, SSOP)
-40 to +85
°C
SA601DK
1563
BLOCK DIAGRAM
4
3
2
1
5
20
19
18
17
16
7
6
10
9
8
15
14
13
12
11
GND
MIXER
PWRDN
LO IN1
LO IN2
VCC
GND
MIXER
IN
GND
MIXER
OUT
GND
LNA
LO
RF
IF
GND
LNA IN
GND
IF
GND
LNA
OUT
GND
GND
MIXER
OUT
VCC
VCC
BUFFER


Similar Part No. - SA601

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA60 BYTES-SA60 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA60 DCCOM-SA60 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA60 EIC-SA60 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
1GHz low voltage LNA and mixer
1999 Mar 26
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
1GHz low voltage LNA and mixer
1998 Jan 08
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com