Electronic Components Datasheet Search
  English  ▼

X  

SA601 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors SA601 Datasheet HTML 10Page - NXP Semiconductors SA601 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
December 15, 1994
10
7
6.5
6
5.5
5
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
Mixer Gain @ 83MHz vs. VCC and Temperature
3
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
2
1
0
–1
–2
–3
–4
–5
–6
–7
Mixer IP3 @ 83MHz vs. VCC and Temperature
–40
°C
25
°C
+85
°C
–40
°C
25
°C
+85
°C
+70
°C
12
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
Mixer NF @ 83MHz vs. VCC and Temperature
11.5
11
10.5
10
9.5
9
–40
°C
25
°C
+85
°C
–36
VCC (V)
LO to Mixer in Feedthrough vs. VCC
–37
–38
–39
–40
2.5
3
3.5
4
4.5
5
5.5
–36
VCC (V)
LO to LNA Input Feedthrough vs. VCC
–37
–38
–39
–40
2.5
3
3.5
4
4.5
5
5.5
–20
VCC (V)
Mixer Input to LO Feedthrough vs. VCC
2.5
3
3.5
4
4.5
5
5.5
–21
–22
–23
–24
–25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com