Electronic Components Datasheet Search
  English  ▼

X  

SA601 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors SA601 Datasheet HTML 10Page - NXP Semiconductors SA601 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
December 15, 1994
9
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
CH1 S 11
log MAG
2 dB/ REF -5 dB
-40
°C
85
°C
25
°C
START 800.000 000 MHz
STOP 1 200. 000 000 MHz
Mixer RF Input Match vs. Frequency
(VCC = 3V)
CH1 S 12
log MAG
5 dB/ REF -10 dB
START 800.000 000 MHz
STOP 1 200. 000 000 MHz
CH1 S21
log MAG
1 dB/ REF 10 dB
START 800.000 000 MHz
STOP 1 200. 000 000 MHz
CH1 S 22
log MAG
3 dB/ REF -10 dB
START 800.000 000 MHz
STOP 1 200. 000 000 MHz
CH1 S 11
log MAG
1 dB/ REF -10 dB
START 800.000 000 MHz
STOP 1 200. 000 000 MHz
-40
°C
85
°C
25
°C
LNA Gain (S21) vs. Frequency
(VCC = 3V)
-40
°C
85
°C
25
°C
-40
°C
85
°C
25
°C
-40
°C
85
°C
25
°C
LNA Isolation (S12) vs. Frequency
(VCC = 3V)
LNA Input Match (S11) vs. Frequency
(VCC = 3V)
LNA Output Match (S22) vs. Frequency
(VCC = 3V)
9
VCC (V)
ICC vs. VCC and Temperature
2.5
3
3.5
4
4.5
5
5.5
8.5
8
7.5
7
6.5
6
5.5
5
–40
°C
25
°C
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com