Electronic Components Datasheet Search
  English  ▼

X  

SA601 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors SA601 Datasheet HTML 10Page - NXP Semiconductors SA601 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
December 15, 1994
8
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
CH1
S11
1
U
FS
4:
10.867
Ω
1.6426
Ω
1.2543 nH
200.000 000 MHz
START
200.000 000
MHz
STOP
1200.000 000
MHz
1:
6.7168
Ω
9.5952
Ω
900 MHz
Figure 5. Mixer RF Input Match (at Device Pin)
Table 1. Typical LNA and Mixer S-Parameters
LNA
Mixer
f
S11
S22
S21
S12
S11
200MHz
63.852
Ω – j 160.23Ω
99.543
Ω – j 85.949Ω
6.2863U
∠ 150.58°
35.343mU
∠ 76.128°
10.867
Ω + j 1.6426Ω
300MHz
44.879
Ω – j 101.69Ω
73.387
Ω – j 67.707Ω
5.8096U
∠ 140.47°
47.946mU
∠ 71.169°
10.4
Ω + j 3.4609Ω
400MHz
36.43
Ω – j 70.445Ω
58.725
Ω – j 50.83Ω
5.3895U
∠ 130.33°
58.082mU
∠ 67.162°
10.067
Ω + j 4.897Ω
500MHz
30.395
Ω – j 48.393Ω
49.928
Ω – j 38.813Ω
5.0428U
∠ 120.5°
66.44mU
∠ 66.388°
9.394
Ω + j 6.0142Ω
600MHz
27.471
Ω – j 35.48Ω
44.82
Ω – j 30.191Ω
4.6877U
∠ 112.03°
74.51mU
∠ 64.608°
8.8945
Ω + j 7.2227Ω
700MHz
24.428
Ω – j 25Ω
39.268
Ω – j 24.502Ω
4.2409U
∠ 104.44°
82.235mU
∠ 65.002°
8.1353
Ω + j 8.1597Ω
800MHz
22.434
Ω – j 17.255Ω
34.664
Ω – j 18.59Ω
3.7491U
∠ 97.765°
86.582mU
∠ 62.743°
7.976
Ω + j 9.1958Ω
900MHz
21.286
Ω – j 12.381Ω
31.48
Ω – j 14.217Ω
3.2504U
∠ 91.219°
89.561mU
∠ 61.127°
6.7168
Ω + j 9.5952Ω
1000MHz
20.261
Ω – j 8.7109Ω
27.887
Ω – j 10.77Ω
2.8785U
∠ 84.957°
95.135mU
∠ 60.539°
6.2393
Ω + j 10.271Ω
1100MHz
19.718
Ω – j 6.252Ω
25.741
Ω – j 8.2607Ω
2.5752U
∠ 82.893°
97.348mU
∠ 62.202°
6.0791
Ω + j 10.571Ω
1200MHz
19.101
Ω – j 4.9316Ω
23.584
Ω – j 6.2715Ω
2.1386U
∠ 80.257°
96.558mU
∠ 61.563°
5.8185
Ω + j 10.288Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com