Electronic Components Datasheet Search
  English  ▼

X  

SA601 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA601 Datasheet HTML 1Page - NXP Semiconductors SA601 Datasheet HTML 2Page - NXP Semiconductors SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
December 15, 1994
2
ABSOLUTE MAXIMUM RATINGS3
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage1
-0.3 to +6
V
VIN
Voltage applied to any other pin
-0.3 to (VCC + 0.3)
V
PD
Power dissipation, TA = 25°C (still air)2
20-Pin Plastic SSOP
980
mW
TJMAX
Maximum operating junction temperature
150
°C
PMAX
Maximum power input/output
+20
dBm
TSTG
Storage temperature range
–65 to +150
°C
NOTE:
1. Transients exceeding 8V on VCC pin may damage product.
2. Maximum dissipation is determined by the operating ambient temperature and the thermal resistance,
θJA: 20-Pin SSOP = 110°C/W
3. Pins 9 and 10 are sensitive to electrostatic discharge (ESD).
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
2.7 to 5.5
V
TA
Operating ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature
-40 to +105
°C
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply current
7.4
mA
ICC
Supply current
Mixer power-down input low
4.4
mA
VLNA–IN
LNA input bias voltage
0.78
V
VLNA–OUT
LNA output bias voltage
2.1
V
VMX–IN
Mixer RF input bias voltage
0.94
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com