Electronic Components Datasheet Search
  English  ▼

X  

SA601 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA601 Datasheet HTML 1Page - NXP Semiconductors SA601 Datasheet HTML 2Page - NXP Semiconductors SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
December 15, 1994
3
AC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; LOIN = -7dBm @ 964MHz; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
-3
σ
TYP
+3
σ
UNITS
S21
Amplifier gain
881MHz
10
11.5
13
dB
∆S21/∆T
Gain temperature sensitivity
881MHz
0.003
dB/
°C
∆S21/∆f
Gain frequency variation
800MHz - 1.2GHz
0.01
dB/MHz
S12
Amplifier reverse isolation
881MHz
-20
dB
S11
Amplifier input match1
881MHz
-10
dB
S22
Amplifier output match1
881MHz
-10
dB
P-1dB
Amplifier input 1dB gain compression
881MHz
-16
dBm
IP3
Amplifier input third order intercept
f2 – f1 = 25kHz, 881MHz
-3.5
-2
-0.5
dBm
NF
Amplifier noise figure
881MHz
1.3
1.6
1.9
dB
VGC
Mixer voltage conversion gain: RP = RL = 1kΩ
fS = 881MHz, fLO = 964MHz,
fIF = 83MHz
18.0
19.5
21.0
dB
PGC
Mixer power conversion gain: RP = RL = 1kΩ
fS = 881MHz, fLO = 964MHz,
fIF = 83MHz
5.0
6.5
8.0
dB
S11M
Mixer input match1
881MHz
-10
dB
NFM
Mixer SSB noise figure
881MHz
8.0
9.5
11.0
dB
P-1dB
Mixer input 1dB gain compression
881MHz
-13
dBm
IP3M
Mixer input third order intercept
f2 – f1 = 25kHz, 881MHz
-3.5
-2
-0.5
dBm
IP2INT
Mixer input second order intercept
881MHz
12
dBm
PRFM-IF
Mixer RF feedthrough
881MHz
-7
dB
PLO-IF
LO feedthrough to IF
881MHz
-25
dB
PLO-RFM
LO to mixer input feedthrough
881MHz
-38
dB
PLO-RF
LO to LNA input feedthrough
881MHz
-40
dB
PLNA–RFM
LNA output to mixer input
881MHz
-40
dB
PRFM–LO
Mixer input to LO feedthrough
881MHz
-23
dB
LOIN
LO drive level
964MHz
-7
dBm
NOTE:
1. Simple L/C elements are needed to achieve specified return loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com