Electronic Components Datasheet Search
  English  ▼

X  

MP2101 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2101 Datasheet HTML 1Page - Monolithic Power Systems MP2101 Datasheet HTML 2Page - Monolithic Power Systems MP2101 Datasheet HTML 3Page - Monolithic Power Systems MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
3
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (4) (continued)
VIN1/2 = VEN1/2 = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
SW1 PFET On Resistance
ISW1 = 100mA
0.35
Ω
SW1 NFET On Resistance
ISW1 = –100mA
0.25
Ω
SW1 Leakage Current
VEN1 = 0V, VIN = 6V
VSW1 = 0V or 6V
–2
+2
µA
SW1 PFET Peak Current Limit
Duty Cycle = 100%,
Current Pulse Width < 1ms
0.9
1.4
2.0
A
Oscillator Frequency
1.2
1.6
2.0
MHz
Linear Regulator LDO
IN2 Input Range
ILOAD = 10mA, VOUT2=VFB2
1.2
VIN1
V
TA = +25°C
0.588
0.600 0.612
Regulated FB2 Voltage
–40°C ≤ TA ≤ +85°C
0.582
0.618
V
FB2 Input Bias Current
VFB2 = 0.6V
–50
–2
+50
nA
OUT2 Short Circuit Foldback
VOUT2 = 0V
180
mA
OUT2 Output Current
VOUT = 1.2V
200
mA
Dropout Voltage
(5)
ILOAD = 150mA, VOUT2 = 1.2V
280
mV
Notes:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
5) The dropout voltage is equal to VIN2 – VOUT2 when VOUT2 is 100mV below the nominal value.
PIN FUNCTIONS
Pin #
Name
Description
1
FB1
Feedback 1. Feedback Input for the switcher output (OUT1).
2
EN1
Enable 1. Enable input for the switcher. Pull high to turn on the switcher; low to turn it off.
3
IN1
Input 1. Main input supply for both the switcher and the auxiliary low dropout (LDO) linear
regulator.
4
SW1
Switcher Switch Node. Output for the 800mA switcher channel.
5
GND
Ground.
6
IN2
Input 2. Input supply for the auxiliary linear regulator LDO output power device.
7
OUT2
Output 2. Output of the 200mA LDO. The LDO is designed to be stable with an external
minimum 1µF ceramic capacitor at 200mA of load current.
8
PWROK
Power On Reset Open Drain Output. A high output indicates that both outputs are within
±10% of the regulation value. A low output indicates that the output is outside of the ±10%
window. PWROK is pulled down if EN1 and/or EN2 is low. The PWROK window comparators
have a 50µs deglitch timer for the switcher and 150µs deglitch timer for the linear regulator
LDO to avoid a false trigger during load transient.
9
EN2
Enable 2. Enable input for the linear regulator LDO. Pull high to turn on the LDO; low to turn it
off.
10
FB2
Feedback 2. Feedback input for the linear regulator output (OUT2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com