Electronic Components Datasheet Search
  English  ▼

X  

MP2101 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems MP2101 Datasheet HTML 10Page - Monolithic Power Systems MP2101 Datasheet HTML 11Page - Monolithic Power Systems MP2101 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
10
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
Switcher Input Capacitor Selection
The input capacitor (CIN1) reduces the surge
current drawn from the input and switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent high frequency switching current
passing to the input. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 4.7µF capacitor is sufficient.
Switcher Output Capacitor Selection
The output capacitor (CO1) keeps the output
voltage ripple small and ensures regulation loop
stability. The output capacitor impedance
should be low at the switching frequency.
Ceramic capacitors with X5R or X7R dielectrics
are recommended. The output ripple ∆VOUT is
approximately:
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
×
×
−
×
≤
∆
1
O
OSC
OSC
1
IN
1
OUT
1
IN
1
OUT
1
OUT
C
f
8
1
ESR
L
f
V
V
V
V
V
Thermal Dissipation
Power dissipation should be considered when
both channels of the MP2101 provide maximum
output current at high ambient temperatures. If
the junction temperature rises above 150
°C, the
two channels will shut down.
The junction-to-ambient thermal resistance of
the 10-pin QFN (3mm x 3mm) RΘJA is 50°C/W.
The maximum power dissipation is about 1.6W
when the MP2101 is operating in a 70
°C
ambient temperature environment.
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
−
=
Start-Up Consideration
To ensure a smooth start-up of OUT1 and
OUT2, it is recommended that the enable
signals (EN1 and EN2) be asserted only after
the input power rails have been stabilized. If
EN1 and EN2 are tied to input rails directly, the
UVLO of the MP2101 will dictate when the part
starts switching. Since for certain systems, the
input
supply
may
have
relatively
high
impedance
during
ramp
up,
therefore
depending solely on UVLO to start the part may
cause input rail dip and output bounce. If the
system designer can not provide the enable
signal after input power rail is fully established,
it is recommended that EN1 and EN2 are
connected to the input power rail through a RC
delay network (as shown in Figure 2). The RC
time constant needs to be significantly large
compare to the ramp-up time of the input power
rail, which is usually of a few ms.
PC Board Layout
The high current paths (GND, IN1/IN2 and
SW1) should be placed very close to the device
with short, direct and wide traces. Input
capacitors should be placed as close as
possible to the respective IN and GND pins.
The external feedback resistors should be
placed next to the FB pins. Keep the switching
nodes SW1 short and away from the feedback
network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com