Electronic Components Datasheet Search
  English  ▼

X  

MP2101 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2101 Datasheet HTML 3Page - Monolithic Power Systems MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems MP2101 Datasheet HTML 10Page - Monolithic Power Systems MP2101 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
7
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
The MP2101 is a fixed-frequency 1.6MHz,
800mA current mode PWM step-down switcher
with a 200mA low dropout (LDO) linear
regulator. The MP2101 is optimized for low
voltage, Li-Ion battery powered applications
where high efficiency and small size are critical.
The MP2101 uses an external resistor divider to
set both the switcher and LDO output voltage
from 0.6V to 6V.
IN1 3
EN1/2
FB1
FB2
GND
IN2
OUT2
PWROK
SW1
+
+
--
PWMCMP
PWM
OSC
+
--
EAMP1
ICS
SLOPE COMP
FEEDBACK
ERROR
AMP
0.6V
0.6V
FB1/2
0.66V
OUT_Hi
EAO2
OUT_Lo
EAO1
CC
17pF
BIAS
&
VOLTAGE
REFERENCE
PWM
CONTROL
LOGIC
1.6MHz
OSCILLATOR
IAMP
10X
CURRENT
SENSE
AMP
DH
DL
+
--
MAIN
SWITCH
(PCH)
SYNCHRONOUS
RECTIFIER
(NCH)
+
--
EAMP2
POWER ON RESET
WINDOW
COMPARATORS
NO
GOOD
--
+
0.54V
--
+
2/9
1
10
4
7
5
6
8
Figure 1—MP2101 Function Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com