Electronic Components Datasheet Search
  English  ▼

X  

MP2101 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2101 Datasheet HTML 2Page - Monolithic Power Systems MP2101 Datasheet HTML 3Page - Monolithic Power Systems MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems MP2101 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
6
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, VOUT1 = 1.8V, VOUT2 = 1.2V, CIN1 = 4.7 µF, CIN2 = 1µF, CO1 = 10µF, CO2 = 1µF, L = 2.2µH,
TA = +25°C, unless otherwise noted.
PWROK Off vs
VOUT1 Shorted
EN = 4V, IOUT1 = 0.3A,
IOUT2 = 0.1A Resistive Load
PWROK Off vs
VOUT2 Shorted
EN = 4V, IOUT1 = 0.3A,
IOUT2 = 0.1A Resistive Load
Over Current Protection
IOUT1 = 0.3A Resistive Load
VIN
2V/div.
VOUT1
2V/div.
VOUT2
1V/div.
PWROK
2V/div.
VOUT1
1V/div.
VOUT2
1V/div.
VOUT1
0.1V/div.
IL
0.5A/div.
VOUT2
50mV/div.
IOUT2
0.1A/div.
VOUT2
1V/div.
IOUT2
0.1A/div.
PWROK
2V/div.
VOUT1
1V/div.
VOUT2
1V/div.
VOUT1
2V/div.
VSW
5V/div.
IL
0.5A/div.
VIN
2V/div.
VOUT1
1V/div.
VOUT2
1V/div.
VOUT1
10mV/div.
VSW
2V/div.
IL
0.5A/div.
Input Ramp Up
EN = 4V, IOUT1 = 0.3A,
IOUT2 = 0.1A Resistive Load
1ms/div.
Input Ramp Down
EN = 4V, IOUT1 = 0.3A,
IOUT2 = 0.1A Resistive Load
400ns/div.
Heavy Load Ripple
EN1 = VIN = 5V,
IOUT1 = 0.8A Resistive Load
Switcher Load Transient
IOUT1 = 0.8A Resistive Load
LDO Load Transients
VIN2 = 3.3V, VOUT2 = 1.2V,
IOUT2 = 0.02A to 0.15A Resistive Load
LDO Over Current
Protection
VIN2 = 3.3V, VOUT2 = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com