Electronic Components Datasheet Search
  English  ▼

X  

MP2101 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems MP2101 Datasheet HTML 10Page - Monolithic Power Systems MP2101 Datasheet HTML 11Page - Monolithic Power Systems MP2101 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2101 Rev. 1.0
www.MonolithicPower.com
12
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
3mm x 3mm QFN10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com