Electronic Components Datasheet Search
  English  ▼

X  

MP2101 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems MP2101 Datasheet HTML 10Page - Monolithic Power Systems MP2101 Datasheet HTML 11Page - Monolithic Power Systems MP2101 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
11
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL APPLICATION CIRCUIT
MP2101
FB1
EN1
IN1
SW1
IN2
5
9
8
7
10
1
2
3
4
6
FB2
EN2
PWROK
OUT2
GND
OUT2
2.5V @ 200mA
OUT1
1.8V @ 800mA
VIN
3.3V - 6V
RIN3
CIN3
OPTIONAL
OPTIONAL
POWER OK
Figure 2—Optional RC Delay on EN1 and EN2 Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com