Electronic Components Datasheet Search
  English  ▼

X  

MP2101 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2101 Datasheet HTML 1Page - Monolithic Power Systems MP2101 Datasheet HTML 2Page - Monolithic Power Systems MP2101 Datasheet HTML 3Page - Monolithic Power Systems MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2101
1.6MHz Synchronous Step-Down
plus 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
1
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2101 is an internally compensated
1.6MHz
fixed-frequency
PWM
step-down
switcher with a 200mA low dropout (LDO) linear
regulator. It is ideal for portable equipment
powered by a single cell Lithium-Ion (Li+)
Battery. The MP2101 can provide 800mA and
200mA of load current from a 2.5V to 6V input
voltage. Both output voltages can be regulated
as low as 0.6V.
The 800mA output channel features an
integrated high-side switch and synchronous
rectifier for high efficiency without an external
Schottky diode. With peak current mode control
and internal compensation, the MP2101 can be
stabilized with ceramic capacitors and small
inductors. The high-side switch can maintain
100% duty cycle in dropout condition.
The 200mA LDO output is used to power noise
sensitive circuitry. It has a separate input supply
to reduce power dissipation and noise from the
main switcher. Dropout voltage is 280mV under
a 150mA load. Fault condition protection
includes cycle-by-cycle current limiting and
thermal shutdown.
The MP2101 is available in small 3mm x 3mm
10-pin QFN packages.
FEATURES
• 0.8A Switcher Output and 0.2A LDO Output
• VIN1 Range for Switcher: 2.5V to 6V
• VIN2 Range for LDO: 1.2V to VIN1
• Internal Power MOSFET Switches
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 93% Efficiency
• 0.01µA Shutdown Current
• 1.6MHz Fixed Switching Frequency
• Up to 100% Switcher Duty Cycle
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection
• Power On Reset Output
• Available in 3x3 10-Pin QFN Packages
APPLICATIONS
• DVD+/-RW Drives
• Smart Phones
• PDAs
• Digital Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2101
FB1
EN1
IN1
SW1
IN2
5
9
8
7
10
1
2
3
4
6
FB2
EN2
PWROK
OUT2
GND
OUT2
1.2V @ 200mA
POWER OK
OUT1
1.8V @ 600mA
L1
OFF ON
VIN
2.5V - 6V
100
90
80
70
60
50
40
10
100
1000
LOAD CURRENT (mA)
Efficiency vs
Load Current
VIN=3.3V
VIN=5.0V
VIN=4.2V


Similar Part No. - MP2101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2101DQ MPS-MP2101DQ Datasheet
226Kb / 5P
1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
More results

Similar Description - MP2101

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
logo
Advanced Monolithic Sys...
AMS4123 AMS-AMS4123 Datasheet
590Kb / 18P
3A 20V Step-Down Converter plus 1A LDO
logo
SHANGHAI BELLING CO., L...
BL9352A BELLING-BL9352A Datasheet
1Mb / 8P
45V, 1.6MHz, 600mA Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7445LA ACE-ACE7445LA Datasheet
189Kb / 3P
42V, 1.6MHz, 600mA Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com