Electronic Components Datasheet Search
  English  ▼

X  

SAA2003 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SAA2003
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SAA2003 Datasheet HTML 13Page - NXP Semiconductors SAA2003 Datasheet HTML 14Page - NXP Semiconductors SAA2003 Datasheet HTML 15Page - NXP Semiconductors SAA2003 Datasheet HTML 16Page - NXP Semiconductors SAA2003 Datasheet HTML 17Page - NXP Semiconductors SAA2003 Datasheet HTML 18Page - NXP Semiconductors SAA2003 Datasheet HTML 19Page - NXP Semiconductors SAA2003 Datasheet HTML 20Page - NXP Semiconductors SAA2003 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
May 1994
17
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
Audio fade processor
The fade processor is controlled by the system microcontroller. It achieves level control, or fading, by multiplying the
audio samples with a 17 bit accuracy fade coefficient, which is selected by an 8-bit fade counter. The fade coefficients
range from 0 to 1.0 according to a 1
⁄
4 cosine function. The attenuation for a particular fade count (FC) is given as follows:
where: 0
≤ FC ≤ 255.
In encode mode, audio samples are taken from input SD1 and scaled before sub-band filter processing, and sent to
output SD2.
In decode mode, audio samples are scaled following reconstruction by the sub-band filter, and sent to outputs SD1
and SD2.
Table 10 Fade processor operating modes.
FADE PROCESSOR MODE CONTROL
The operating mode of the fade processor is controlled by two extended registers
Table 11 Fade processor mode control.
FADE RATE OPTION
The fade rate can be set to either fast or slow modes. In fast mode the attenuation changes rate at one step per audio
sample. In slow mode the rate of change of level is controlled by the fade rate bits P3 to P0. In slow mode, the fade
counter is stepped up or down according to a clock derived from the WS pin.
MODE
FUNCTION
Fade rate
controls rate of automatic increments and decrements
Step down
increases attenuation by one increment
Step up
reduces attenuation by one increment
Full scale
sets gain to unity, incrementing from current level automatically
Mute
sets gain to zero, decrementing from current level automatically
−12 dB
sets gain to
−12 dB, decrementing or incrementing from current level automatically
A3
A2
A1
A0
D3
D2
D1
D0
MODE
0011
P3
P2
P1
P0
set fade rate
01000001
step down
01000010
step up
010001
X
0
full scale slow
010001
X
1
full scale fast
010010
X
0
mute slow
010010
X
1
mute fast
010011
X
0
−12 dB slow
010011
X
1
−12 dB fast
01000000
no action
Attenuation (dB)
20 log cos
–
π FC
×
510
------------------


dB
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com