Electronic Components Datasheet Search
  English  ▼

X  

SAA2003 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA2003
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA2003 Datasheet HTML 1Page - NXP Semiconductors SAA2003 Datasheet HTML 2Page - NXP Semiconductors SAA2003 Datasheet HTML 3Page - NXP Semiconductors SAA2003 Datasheet HTML 4Page - NXP Semiconductors SAA2003 Datasheet HTML 5Page - NXP Semiconductors SAA2003 Datasheet HTML 6Page - NXP Semiconductors SAA2003 Datasheet HTML 7Page - NXP Semiconductors SAA2003 Datasheet HTML 8Page - NXP Semiconductors SAA2003 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
May 1994
4
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
PINNING
SYMBOL
PIN
DESCRIPTION
TYPE
FDAI
1
filtered data input from SAA2013
I
FDCL
2
filtered data bit clock
O
FDWS
3
filtered data word select
O
CLK22
4
22.5792 MHz buffered clock output
O
X22OUT
5
22.5792 MHz crystal output
O
X22IN
6
22.5792 MHz crystal input
I
VDD2
7
supply voltage (clock oscillator)
−
VSS2
8
supply ground (clock oscillator)
−
X24OUT
9
24.576 MHz crystal output
O
X24IN
10
24.576 MHz crystal input
I
CLK24
11
24.576 MHz buffered clock output
O
SLEEP
12
sleep mode; device inactive
I
RESET
13
device reset
I
L3DATA
14
3-wire interface; serial data
I/O
L3CLK
15
3-wire interface; bit clock
I
L3MODE
16
3-wire interface; mode control
I
LTCNT0
17
LT interface; control bit 0
I
LTCNT1
18
LT interface; control bit 1
I
TEST0
19
test mode select
I
TEST1
20
test mode select
I
URDA
21
unreliable data flag from drive processor
I
SBDIR
22
sub-band data direction
I
SBDA
23
sub-band serial data
I/O
SBCL
24
sub-band bit clock
I/O
SBWS
25
sub-band word select
I/O
SBEF
26
sub-band error flag from drive processor
I
VSS1
27
digital supply ground
−
VDD1
28
digital supply voltage
−
IECOP
29
IEC 958 digital audio output
O
DEEMDAC
30
DAC control or general purpose output
O
ATTDAC
31
DAC control or general purpose output
O
MUTEDAC
32
DAC control or general purpose output
O
SD2
33
serial audio data to DAC
O
SD1
34
serial audio data to/from DAIO and DAC
I/O
SCK
35
serial audio data bit clock
I/O
WS
36
serial audio data word select
I/O
X256
37
master audio clock from external source
I
FS256
38
master audio clock at 256 times sample frequency
O
VDD3
39
supply voltage (FS256)
−
VSS3
40
supply ground (FS256)
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com