Electronic Components Datasheet Search
  English  ▼

X  

SAA2003 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SAA2003
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SAA2003 Datasheet HTML 28Page - NXP Semiconductors SAA2003 Datasheet HTML 29Page - NXP Semiconductors SAA2003 Datasheet HTML 30Page - NXP Semiconductors SAA2003 Datasheet HTML 31Page - NXP Semiconductors SAA2003 Datasheet HTML 32Page - NXP Semiconductors SAA2003 Datasheet HTML 33Page - NXP Semiconductors SAA2003 Datasheet HTML 34Page - NXP Semiconductors SAA2003 Datasheet HTML 35Page - NXP Semiconductors SAA2003 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
May 1994
32
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
Inputs/outputs SBDA, SBCL and SBWS
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
RI(pd)
input pull-down resistance
VI = VDD
−
50
−
k
Ω
CI
input capacitance
−−
10
pF
VOL
LOW level output voltage
IOL = 4 mA
0
−
0.4
V
VOH
HIGH level output voltage
IOH = −4mA
VDD − 0.4
−
VDD
V
CL
load capacitance
−−
30
pF
tr
output rise time
0.4 V to VDD − 0.4 V;
CL = 30 pF
−−
20
ns
tf
output fall time
VDD − 0.4 V to 0.4 V;
CL = 30 pF
−−
20
ns
Inputs/outputs SD1, SCK and WS
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
RI(pd)
input pull-down resistance
VI = VDD
−
50
−
k
Ω
CI
input capacitance
−−
10
pF
VOL
LOW level output voltage
IOL = 4 mA
0
−
0.4
V
VOH
HIGH level output voltage
IOH = −4mA
VDD − 0.4
−
VDD
V
CL
load capacitance
−−
50
pF
tr
output rise time
0.4 V to VDD − 0.4 V;
CL = 50 pF
−−
20
ns
tf
output fall time
VDD − 0.4 V to 0.4 V;
CL = 50 pF
−−
20
ns
Input/output L3DATA
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
CI
input capacitance
−−
10
pF
VOL
LOW level output voltage
IOL = 4 mA
0
−
0.4
V
VOH
HIGH level output voltage
IOH = −4mA
VDD − 0.4
−
VDD
V
CL
load capacitance
−−
60
pF
tr
output rise time
0.4 V to VDD − 0.4 V;
CL = 60 pF
−−
20
ns
tf
output fall time
VDD − 0.4 V to 0.4 V;
CL = 60 pF
−−
20
ns
Input X22IN (external clock)
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
ILI
input leakage current
−10
−
+10
µA
CI
input capacitance
−−
10
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com