Electronic Components Datasheet Search
  English  ▼

X  

SAA2003 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA2003
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA2003 Datasheet HTML 1Page - NXP Semiconductors SAA2003 Datasheet HTML 2Page - NXP Semiconductors SAA2003 Datasheet HTML 3Page - NXP Semiconductors SAA2003 Datasheet HTML 4Page - NXP Semiconductors SAA2003 Datasheet HTML 5Page - NXP Semiconductors SAA2003 Datasheet HTML 6Page - NXP Semiconductors SAA2003 Datasheet HTML 7Page - NXP Semiconductors SAA2003 Datasheet HTML 8Page - NXP Semiconductors SAA2003 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
May 1994
2
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
FEATURES
• Single-chip stereo filter and codec
• Wide operating voltage range: 2.7 to 5.5 V
• Low-power consumption: 98 mW; 3.0 V
• Sleep mode for low power and low Electromagnetic
Interference (EMI)
• Transparent serial audio data mode in sleep
• IEC 958 digital output
• Peak level detector for start of track detection or
VU meter
• Versatile fade processor; slow/fast fade, mute,
12 dB attenuation
• Serial audio interface for I2S or EIAJ formats
• Error concealment
• Three-wire L3 bus microcontroller interface
• Three sample rates:
– 32 kHz
– 44.1 kHz
– 48 kHz
• Internal or external clock source
• Three programmable outputs
• Small surface mounted package (SOT307).
GENERAL DESCRIPTION
The SAA2003 performs the sub-band filtering and audio
frame codec functions in the Precision Adaptive Sub-band
Coding (PASC) system. It can be used as a stand-alone
decoder for playback only applications, but requires the
addition of an Adaptive Allocation and Scale Factor
processor (SAA2013) in order to perform PASC encoding
in a DCC record system.
ORDERING INFORMATION
Note
1. When using reflow soldering it is recommended that the Dry Packing instructions in the
“Quality Reference
Pocketbook” are followed. The pocketbook can be ordered using the code 9398 510 34011.
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
SAA2003H
44
QFP(1)
plastic
SOT307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com