Electronic Components Datasheet Search
  English  ▼

X  

RF5110G Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5110G Datasheet HTML 9Page - RF Micro Devices RF5110G Datasheet HTML 10Page - RF Micro Devices RF5110G Datasheet HTML 11Page - RF Micro Devices RF5110G Datasheet HTML 12Page - RF Micro Devices RF5110G Datasheet HTML 13Page - RF Micro Devices RF5110G Datasheet HTML 14Page - RF Micro Devices RF5110G Datasheet HTML 15Page - RF Micro Devices RF5110G Datasheet HTML 16Page - RF Micro Devices RF5110G Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2-13
RF5110G
Rev A3 060814
Typical Test Setup
Notes about testing the RF5110G
The test setup shown above includes two attenuators. The 3dB pad at the input is to minimize the effect on the signal
generator as a result of switching the input impedance of the PA. When VAPC is switched quickly, the resulting input
impedance change can cause the signal generator to vary its output signal, either in output level or in frequency. Instead
of an attenuator an isolator may also be used. The attenuator at the output is to prevent damage to the spectrum ana-
lyzer, and should be sized accordingly to handle the power.
It is important not to exceed the rated supply current and output power. When testing the device at higher than nominal
supply voltage, the VAPC should be adjusted to avoid the output power exceeding +36dBm. During load-pull testing at
the output it is important to monitor the forward power through a directional coupler. The forward power should not
exceed +36dBm, and VAPC needs to be adjusted accordingly. This simulates the behavior for the power control loop. To
avoid damage, it is recommended to set the power supply to limit the current during the burst not to exceed the maximum
current rating.
Power Supply
10dB/5W
3dB
RF Generator
Spectrum
Analyzer
Buffer
x1 OpAmp
Pulse
Generator
A buffer amplifier is recommended because the current into the
V
APC changes with voltage. As an alternative, the voltage may be
monitored with an oscilloscope.
V+
V-
S-
S+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com