Electronic Components Datasheet Search
  English  ▼

X  

RF5110G Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 2 Page - RF Micro Devices

  RF5110G Datasheet HTML 1Page - RF Micro Devices RF5110G Datasheet HTML 2Page - RF Micro Devices RF5110G Datasheet HTML 3Page - RF Micro Devices RF5110G Datasheet HTML 4Page - RF Micro Devices RF5110G Datasheet HTML 5Page - RF Micro Devices RF5110G Datasheet HTML 6Page - RF Micro Devices RF5110G Datasheet HTML 7Page - RF Micro Devices RF5110G Datasheet HTML 8Page - RF Micro Devices RF5110G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2-2
RF5110G
Rev A3 060814
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VAPC1,2)
-0.5 to +3.0
V
DC Supply Current
2400
mA
Input RF Power
+13
dBm
Duty Cycle at Max Power
50
%
Output Load VSWR
10:1
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp=25°C, VCC=3.6V, VAPC1,2=2.8V,
PIN=+4.5dBm, Freq=880MHz to 915MHz,
37.5% Duty Cycle, pulse width=1731
μs
Operating Frequency Range
880 to 915
MHz
See evaluation board schematic.
Usable Frequency Range
800 to 950
MHz
Using different evaluation board tune.
Maximum Output Power
33.8
34.5
dBm
Temp=25°C, VCC=3.6V, VAPC1,2=2.8V
33.1
dBm
Temp=+60°C, VCC=3.3V, VAPC1,2=2.8V
Total Efficiency
50
57
%
At POUT,MAX, VCC=3.6V
12
%
POUT=+20dBm
5%
POUT=+10dBm
Input Power for Max Output
+4.5
+7.0
+9.5
dBm
Output Noise Power
-72
dBm
RBW=100kHz, 925MHz to 935MHz,
POUT,MIN<POUT<POUT,MAX,
PIN,MIN<PIN<PIN,MAX, VCC=3.3V to 5.0V
-81
dBm
RBW=100kHz, 935MHz to 960MHz,
POUT,MIN<POUT<POUT,MAX,
PIN,MIN<PIN<PIN,MAX, VCC=3.3V to 5.0V
Forward Isolation
-22
dBm
VAPC1,2=0.3V, PIN=+9.5dBm
Second Harmonic
-20
-7
dBm
PIN=+9.5dBm
Third Harmonic
-25
-7
dBm
PIN=+9.5dBm
All Other Non-Harmonic
Spurious
-36
dBm
Input Impedance
50
Ω
Optimum Source Impedance
40+j10
Ω
For best noise performance
Input VSWR
2.5:1
POUT,MAX-5dB<POUT<POUT,MAX
4:1
POUT<POUT,MAX-5dB
Output Load VSWR
Stability
8:1
Spurious<-36dBm, VAPC1,2=0.3V to 2.6V,
RBW=100kHz
Ruggedness
10:1
No damage
Output Load Impedance
2.6-j1.5
Ω
Load Impedance presented at RF OUT pad
Power Control VAPC1 VAPC2
Power Control “ON”
2.6
V
Maximum POUT, Voltage supplied to the
input
Power Control “OFF”
0.2
0.5
V
Minimum POUT, Voltage supplied to the input
Power Control Range
75
dB
VAPC1,2=0.2V to 2.6V
Gain Control Slope
5
100
150
dB/V
POUT=-10dBm to +35dBm
APC Input Capacitance
10
pF
DC to 2MHz
APC Input Current
4.5
5
mA
VAPC1,2=2.8V
25
μAV
APC1,2 =0 V
Turn On/Off Time
100
ns
VAPC1,2=0 to 2.8V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com