Electronic Components Datasheet Search
  English  ▼

X  

RF5110G Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF5110G Datasheet HTML 10Page - RF Micro Devices RF5110G Datasheet HTML 11Page - RF Micro Devices RF5110G Datasheet HTML 12Page - RF Micro Devices RF5110G Datasheet HTML 13Page - RF Micro Devices RF5110G Datasheet HTML 14Page - RF Micro Devices RF5110G Datasheet HTML 15Page - RF Micro Devices RF5110G Datasheet HTML 16Page - RF Micro Devices RF5110G Datasheet HTML 17Page - RF Micro Devices RF5110G Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
2-14
RF5110G
Rev A3 060814
POUT versus VAPC versus Temperature @ 450 MHz
PIN = 1 dBm
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
1.71.8
1.92.0
2.1
2.2
2.32.4
2.52.6
2.72.8
2.9
VAPC
25°C
-40°C
85°C
POUT versus VAPC @ 25°C
PIN = 1 dBm
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
1.7
1.8
1.92.0
2.12.2
2.32.4
2.52.6
2.72.8
2.9
VAPC
150 MHz match
220 MHz match
450 MHz match
915 MHz match
Efficiency versus VAPC @ 25°C
PIN = 1 dBm
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
41.0
43.0
45.0
47.0
1.7
1.9
2.1
2.3
2.5
2.7
2.9
VAPC
150 MHz match
220 MHz match
450 MHz match
915 MHz match
Gain versus VAPC @ 25°C
PIN = 1 dBm
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
34.0
1.7
1.8
1.92.0
2.12.2
2.32.4
2.52.6
2.72.8
2.9
VAPC
150 MHz match
220 MHz match
450 MHz match
915 MHz match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com