Electronic Components Datasheet Search
  English  ▼

X  

RF5110G Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 3 Page - RF Micro Devices

  RF5110G Datasheet HTML 1Page - RF Micro Devices RF5110G Datasheet HTML 2Page - RF Micro Devices RF5110G Datasheet HTML 3Page - RF Micro Devices RF5110G Datasheet HTML 4Page - RF Micro Devices RF5110G Datasheet HTML 5Page - RF Micro Devices RF5110G Datasheet HTML 6Page - RF Micro Devices RF5110G Datasheet HTML 7Page - RF Micro Devices RF5110G Datasheet HTML 8Page - RF Micro Devices RF5110G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2-3
RF5110G
Rev A3 060814
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Power Supply Voltage
3.5
V
Specifications
2.7
4.8
V
Nominal operating limits, POUT<+35dBm
5.5
V
With maximum output load VSWR 6:1,
POUT<+35dBm
Power Supply Current
2
A
DC Current at POUT,MAX
15
200
335
mA
Idle Current, PIN<-30dBm
110
μAP
IN < -30 dBm, VAPC1,2 =0.2 V
110
μAP
IN < -30 dBm, VAPC1,2 = 0.2 V, Temp = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com