Electronic Components Datasheet Search
  English  ▼

X  

RF5110G Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 1 Page - RF Micro Devices

  RF5110G Datasheet HTML 1Page - RF Micro Devices RF5110G Datasheet HTML 2Page - RF Micro Devices RF5110G Datasheet HTML 3Page - RF Micro Devices RF5110G Datasheet HTML 4Page - RF Micro Devices RF5110G Datasheet HTML 5Page - RF Micro Devices RF5110G Datasheet HTML 6Page - RF Micro Devices RF5110G Datasheet HTML 7Page - RF Micro Devices RF5110G Datasheet HTML 8Page - RF Micro Devices RF5110G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1
GND1
RF IN
GND2
RF OUT
RF OUT
RF OUT
RF OUT
RF5110G
3V GSM POWER AMPLIFIER
• 3V GSM Cellular Handsets
• 3V Dual-Band/Triple-Band Handsets
• GPRS Compatible
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• FM Radio Applications: 150MHz/220MHz/
450MHz/865MHz/915MHz
The RF5110G is a high-power, high-efficiency power
amplifier module offering high performance in GSM OR
GPRS applications. The device is manufactured on an
advanced GaAs HBT process, and has been designed for
use as the final RF amplifier in GSM hand-held digital cel-
lular equipment and other applications in the 800MHz to
950MHz band. On-board power control provides over
70dB of control range with an analog voltage input, and
provides power down with a logic “low” for standby opera-
tion. The device is self-contained with 50
Ω input and the
output can be easily matched to obtain optimum power
and efficiency characteristics. The RF5110G can be used
together with the RF5111 for dual-band operation. The
device is packaged in an ultra-small 3mmx3mmx1mm
plastic package, minimizing the required board space.
• Single 2.7V to 4.8V Supply Voltage
• +36dBm Output Power at 3.5V
• 32dB Gain with Analog Gain Control
• 57% Efficiency
• 800MHz to 950MHz Operation
• Supports GSM and E-GSM
RF5110G
3V GSM Power Amplifier
RF5110GPCBA-410Fully Assembled Evaluation Board
0
Rev A3 060814
1.50 TYP
2 PLCS
0.15 CB
-B-
1.37 TYP
2 PLCS
0.15 CB
2 PLCS
0.15 CA
-A-
3.00 SQ.
2.75 SQ.
2 PLCS
0.15 CA
1.00
0.85
0.05
0.01
0.80
0.65
0.05 C
12°
MAX
-C-
SEATING
PLANE
Shaded lead is pin 1.
Dimensions in mm.
CA B
0.10 M
0.30
0.18
0.60
0.24
TYP
0.50
0.55
0.30
1.65
1.35
SQ.
0.23
0.13
4 PLCS
0.45
0.00
4 PLCS
Package Style: QFN, 16-Pin, 3x3
RoHS & Pb-Free Product


Similar Part No. - RF5110G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5110G RFMD-RF5110G Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
logo
RF Micro Devices
RF5110GPCBA-410 RFMD-RF5110GPCBA-410 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110GPCK-410 QORVO-RF5110GPCK-410 Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
logo
RF Micro Devices
RF5110GTR7 RFMD-RF5110GTR7 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
More results

Similar Description - RF5110G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2138 RFMD-RF2138 Datasheet
145Kb / 10P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
3V GSM POWER AMPLIFIER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
logo
RF Micro Devices
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G_07 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_1 Datasheet
280Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_13 Datasheet
163Kb / 13P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com