Electronic Components Datasheet Search
  English  ▼

X  

RF5110G Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5110G Datasheet HTML 4Page - RF Micro Devices RF5110G Datasheet HTML 5Page - RF Micro Devices RF5110G Datasheet HTML 6Page - RF Micro Devices RF5110G Datasheet HTML 7Page - RF Micro Devices RF5110G Datasheet HTML 8Page - RF Micro Devices RF5110G Datasheet HTML 9Page - RF Micro Devices RF5110G Datasheet HTML 10Page - RF Micro Devices RF5110G Datasheet HTML 11Page - RF Micro Devices RF5110G Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2-8
RF5110G
Rev A3 060814
Application Schematic
450MHz FM Band
10 nF
56 pF
100
Ω
C11
18 pF
56 pF
47 pF
1 nF
39 nH (1000 mA ICC)
1
Coilcraft 1206CS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
10 nF
11 nH
330 pF
1 nF
VCC1
15 pF
VCC2
1.6 nH
10
Ω
Ferrite
10 nF
L4
3.9 nH
10 nF
1 nF
RF OUT
3.3
μF
+
RF IN
VCC
VCC
VAPC
VAPC
3.3
μF
47 pF
VCC = 3.0 V to 3.5 V
Efficiency > 45%
POUT = 32 dBm MAX (for 100% duty cycle)
C11 adjacent
to L4.
1Requires layout change to standard evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com