Electronic Components Datasheet Search
  English  ▼

X  

RF5110G Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 4 Page - RF Micro Devices

  RF5110G Datasheet HTML 1Page - RF Micro Devices RF5110G Datasheet HTML 2Page - RF Micro Devices RF5110G Datasheet HTML 3Page - RF Micro Devices RF5110G Datasheet HTML 4Page - RF Micro Devices RF5110G Datasheet HTML 5Page - RF Micro Devices RF5110G Datasheet HTML 6Page - RF Micro Devices RF5110G Datasheet HTML 7Page - RF Micro Devices RF5110G Datasheet HTML 8Page - RF Micro Devices RF5110G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2-4
RF5110G
Rev A3 060814
Pin
Function
Description
Interface Schematic
1VCC1
Power supply for the pre-amplifier stage and interstage matching. This
pin forms the shunt inductance needed for proper tuning of the inter-
stage match. Refer to the application schematic for proper configura-
tion. Note that position and value of the components are important.
See pin 3.
2GND1
Ground connection for the pre-amplifier stage. Keep traces physically
short and connect immediately to the ground plane for best perfor-
mance. It is important for stability that this pin has it’s own vias to the
groundplane, to minimize any common inductance.
See pin 1.
3RF IN
RF Input. This is a 50
Ω input, but the actual impedance depends on the
interstage matching network connected to pin 1. An external DC block-
ing capacitor is required if this port is connected to a DC path to ground
or a DC voltage.
4GND2
Ground connection for the driver stage. To minimize the noise power at
the output, it is recommended to connect this pin with a trace of about
40mil to the ground plane. This will slightly reduce the small signal
gain, and lower the noise power. It is important for stability that this pin
have it’s own vias to the ground plane, minimizing common inductance.
See pin 3.
5VCC2
Power supply for the driver stage and interstage matching. This pin
forms the shunt inductance needed for proper tuning of the interstage
match. Please refer to the application schematic for proper configura-
tion, and note that position and value of the components are important.
6VCC2
Same as pin 5.
7NC
Not connected.
82F0
Connection for the second harmonic trap. This pin is internally con-
nected to the RF OUT pins. The bonding wire together with an external
capacitor form a series resonator that should be tuned to the second
harmonic frequency in order to increase efficiency and reduce spurious
outputs.
Same as pin 9.
9RF OUT
RF Output and power supply for the output stage. Bias voltage for the
final stage is provided through this wide output pin. An external match-
ing network is required to provide the optimum load impedance.
10
RF OUT
Same as pin 9.
Same as pin 9.
11
RF OUT
Same as pin 9.
Same as pin 9.
12
RF OUT
Same as pin 9.
13
NC
Not connected.
14
VCC
Power supply for the bias circuits.
15
APC2
Power Control for the output stage. See pin 16 for more details.
See pin 16.
16
APC1
Power Control for the driver stage and pre-amplifier. When this pin is
"low," all circuits are shut off. A "low" is typically 0.5V or less at room
temperature. A shunt bypass capacitor is required. During normal oper-
ation this pin is the power control. Control range varies from about 1.0V
for -10dBm to 2.6V for +35dBm RF output power. The maximum power
that can be achieved depends on the actual output matching; see the
application information for more details. The maximum current into this
pin is 5mA when VAPC1=2.6V, and 0mA when VAPC=0V.
Pkg
Base
GND
Ground connection for the output stage. This pad should be connected
to the ground plane by vias directly under the device. A short path is
required to obtain optimum performance, as well as to provide a good
thermal path to the PCB for maximum heat dissipation.
GND1
RF IN
VCC1
From Bias
Stages
GND2
VCC2
From Bias
Stages
GND
PCKG BAS
RF OUT
From Bias
Stages
GND
VCC
To RF
Stages
GND
APC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com