Electronic Components Datasheet Search
  English  ▼

X  

SAA6721 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA6721
Description  SXGA RGB to TFT graphics engine
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6721 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA6721 Datasheet HTML 9Page - NXP Semiconductors SAA6721 Datasheet HTML 10Page - NXP Semiconductors SAA6721 Datasheet HTML 11Page - NXP Semiconductors SAA6721 Datasheet HTML 12Page - NXP Semiconductors SAA6721 Datasheet HTML 13Page - NXP Semiconductors SAA6721 Datasheet HTML 14Page - NXP Semiconductors SAA6721 Datasheet HTML 15Page - NXP Semiconductors SAA6721 Datasheet HTML 16Page - NXP Semiconductors SAA6721 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
1999 May 11
13
Philips Semiconductors
Preliminary specification
SXGA RGB to TFT graphics engine
SAA6721E
Notes
1. Generally all inputs are 5 V tolerant TTL inputs. All outputs are CMOS, except the memory interface ports, which are
LVTTL compatible.
2. Connect to ground when not using the JTAG controller.
n.c.
L18
−−
not connected
n.c.
P20
−−
not connected
n.c.
R20
−−
not connected
n.c.
U3
−−
not connected
n.c.
U5
−−
not connected
n.c.
U7
−−
not connected
n.c.
U14
−−
not connected
n.c.
U20
−−
not connected
n.c.
V20
−−
not connected
n.c.
W4
−−
not connected
n.c.
W15
−−
not connected
SYMBOL
PIN
PORT
I/O(1)
DESCRIPTION
7
FUNCTIONAL DESCRIPTION
7.1
Data path
Input video data is sampled either as RGB data in single
pixels from only one ADC or in double pixels in interleaved
format from two ADCs. Alternatively the input interface can
sample interlaced or non-interlaced YUV data. The clock
for sampling the data will always be provided from external
circuitry. The video stream will be adapted from the input
frame rate to the output frame rate needed by the panel.
Therefore a frame buffer built of SDRAMs or SGRAMs is
used. If the panel supports the incoming frame rate from
the RGB port, the adaption can be done without external
memory. If the video stream is in interlaced format the
memory interface activates its de-interlacing unit.
If zooming must be performed the upscaler behind the
memory interface will be enabled. For downscaling the
downscaler in front of the memory interface in the data
path will be used. A colour correction can be done via a
look-up table. The resulting video stream can now be
positioned elsewhere in the output data stream by the
panning unit. If an external OSD controller is embedded
into the system, its OSD window will be put into the video
stream by the OSD overlay port. Additionally the internal
OSD will be inserted in the next stage. The temporal
dithering allows true colour pictures to be displayed on
high colour panels. The output interface provides the
timing and control signals necessary for the connected
panel.
7.2
System clocks
7.2.1
INPUT INTERFACE CLOCK (VCLK)
This clock is used for sampling the incoming RGB or YUV
data stream. In RGB mode this clock varies from
25 to 150 MHz in single ADC mode. If two ADCs are used
the RGB input clock is between 12.5 and 75 MHz. In YUV
mode the clock lies in the range of approximately 30 MHz.
The clocks are generated from external devices.
The RGB clock can be generated by the external ADCs or
an external video PLL. The YUV clock must be generated
by the video decoder which also provides the YUV video
data.
7.2.2
MEMORY INTERFACE CLOCK (MCLKI)
The memory clock is the synchronous clock for the
external frame buffer. Depending on the bandwidth
needed by the application, and the connected SDRAM or
SGRAM devices, the clock varies from 83 to 125 MHz.
It can be generated internally by the PLL from the system
clock (CLK), or by an external quartz oscillator.
If the internal PLL is used, the memory clock frequency
can be derived from the following formula:
Where N = pre-divider ratio and f_system = clock at
pin CLK.
f_memory
f_system
N
------------------------
16
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com