Electronic Components Datasheet Search
  English  ▼

X  

SAA6721 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA6721
Description  SXGA RGB to TFT graphics engine
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6721 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA6721 Datasheet HTML 14Page - NXP Semiconductors SAA6721 Datasheet HTML 15Page - NXP Semiconductors SAA6721 Datasheet HTML 16Page - NXP Semiconductors SAA6721 Datasheet HTML 17Page - NXP Semiconductors SAA6721 Datasheet HTML 18Page - NXP Semiconductors SAA6721 Datasheet HTML 19Page - NXP Semiconductors SAA6721 Datasheet HTML 20Page - NXP Semiconductors SAA6721 Datasheet HTML 21Page - NXP Semiconductors SAA6721 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
1999 May 11
18
Philips Semiconductors
Preliminary specification
SXGA RGB to TFT graphics engine
SAA6721E
Table 4
SDRAM channel configurations
Notes
1. 36 MHz clock frequency.
2. 50 MHz clock frequency.
INPUT
RESOLUTION
SVGA (800
× 600)
XGA (1024
× 768)
SXGA (1280
× 1024)
60 Hz
75 Hz
60 Hz
75 Hz
60 Hz
75 Hz
Panel
2 Mbits frame buffer needed
3 Mbits frame buffer needed
4 Mbits frame buffer needed
XGA(1)
288 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
319 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
411 Mbits/s
bandwidth;
2
× HSC or
3
× MSC
452 Mbits/s
bandwidth;
2
× HSC or
3
× MSC
475 Mbits/s
bandwidth;
3
× HSC or
3
× MSC
540 Mbits/s
bandwidth;
3
× HSC or
3
× MSC
SXGA(2)
307 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
337 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
435 Mbits/s
bandwidth;
2
× HSC or
3
× MSC
476 Mbits/s
bandwidth;
3
× HSC or
3
× MSC
624 Mbits/s
bandwidth;
3
× HSC or
4
× MSC
705 Mbits/s
bandwidth;
4
× HSC or
4
× MSC
7.6.2
SGRAM MEMORY CONFIGURATION
SGRAM devices organized to 256k
× 32 bits are available,
and feature the wide data bus for high speed applications.
With these devices a frame buffer can be built, without
wasting memory because of bandwidth. In case of
SGRAM usage, the memory data bus of the SAA6721E
can be split into 2 channels of 32 bits each.
Each channel gives, in HSC mode with 125 MHz clock
frequency, an effective bandwidth of 456 Mbits/s; and in
MSC mode, with 100 MHz clock speed, an effective
bandwidth of 364 Mbits/s.
Table 5 gives the channel configuration for several input
and panel resolutions.
Table 5
SGRAM channel configurations
Notes
1. 36 MHz clock frequency.
2. 50 MHz clock frequency.
INPUT
RESOLUTION
SVGA (800
× 600)
XGA (1024
× 768)
SXGA (1280
× 1024)
60 Hz
75 Hz
60 Hz
75 Hz
60 Hz
75 Hz
Panel
2 Mbits frame buffer needed
3 Mbits frame buffer needed
4 Mbits frame buffer needed
XGA(1)
288 Mbits/s
bandwidth;
1
× HSC or
1
× MSC
319 Mbits/s
bandwidth;
1
× HSC or
1
× MSC
411 Mbits/s
bandwidth;
1
× HSC or
2
× MSC
452 Mbits/s
bandwidth;
1
× HSC or
2
× MSC
475 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
540 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
SXGA(2)
307 Mbits/s
bandwidth;
1
× HSC or
1
× MSC
337 Mbits/s
bandwidth;
1
× HSC or
1
× MSC
435 Mbits/s
bandwidth;
1
× HSC or
2
× MSC
476 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
624 Mbits/s
bandwidth;
2
× HSC or
2
× MSC
705 Mbits/s
bandwidth;
2
× HSC or
2
× MSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com