Electronic Components Datasheet Search
  English  ▼

X  

SAA6721 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA6721
Description  SXGA RGB to TFT graphics engine
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6721 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA6721 Datasheet HTML 1Page - NXP Semiconductors SAA6721 Datasheet HTML 2Page - NXP Semiconductors SAA6721 Datasheet HTML 3Page - NXP Semiconductors SAA6721 Datasheet HTML 4Page - NXP Semiconductors SAA6721 Datasheet HTML 5Page - NXP Semiconductors SAA6721 Datasheet HTML 6Page - NXP Semiconductors SAA6721 Datasheet HTML 7Page - NXP Semiconductors SAA6721 Datasheet HTML 8Page - NXP Semiconductors SAA6721 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
1999 May 11
2
Philips Semiconductors
Preliminary specification
SXGA RGB to TFT graphics engine
SAA6721E
CONTENTS
1
FEATURES
1.1
RGB video input
1.2
YUV video input
1.3
Video processing
1.4
On screen display
1.5
Video output
1.6
Memory interface
1.7
Miscellaneous
2
GENERAL DESCRIPTION
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING INFORMATION
7
FUNCTIONAL DESCRIPTION
7.1
Data path
7.2
System clocks
7.2.1
Input interface clock (VCLK)
7.2.2
Memory interface clock (MCLKI)
7.2.3
I2C-bus interface clock (SCL)
7.2.4
System clock (CLK)
7.2.5
TFT panel clock (PCLK)
7.3
RGB input port
7.4
YUV input port
7.5
TFT output port
7.5.1
Single pixel mode
7.5.2
Double pixel mode
7.6
Memory port
7.6.1
SDRAM memory configuration
7.6.2
SGRAM memory configuration
7.7
I2C-bus interface
7.8
De-interlacing algorithms
7.8.1
Static mesh mode
7.8.2
Spatial filtering
7.8.3
Temporal filtering
7.9
Scaling algorithm
7.9.1
Upscaling
7.9.2
Downscaling
8
SYSTEM DESCRIPTION
8.1
Programming registers
8.2
Clock management
8.2.1
Clock generation and multiplexing
8.2.2
Clock divider
8.3
RGB/YUV input interface
8.3.1
Sampling mode
8.3.2
RGB data sampling
8.3.3
Clamp pulse generation
8.3.4
Gain correction pulse generation
8.3.5
YUV data sampling
8.4
Video mode and synchronization signal
detection
8.5
Memory interface and de-interlacer unit
8.5.1
Memory interface limitations
8.5.2
Initialization of external memory
8.5.3
Frame and field memory
8.5.4
Frame recovery
8.6
Scaling
8.6.1
Downscaling
8.6.2
Upscaling
8.6.3
Upscaler transition function
8.7
Panning unit
8.8
Overlay port
8.8.1
Overlay insertion
8.8.2
Sync generation
8.8.3
Data sampling
8.8.4
OVCLK gating
8.9
Colour space matrix
8.10
Colour correction
8.11
On screen display
8.11.1
OSD generals
8.11.2
OSD window
8.11.3
OSD character matrix
8.12
Temporal dithering (frame rate controller)
8.13
Output interface
8.13.1
General
8.13.2
Frame generation
8.13.3
Timing reference signals
9
LIMITING VALUES
10
CHARACTERISTICS
11
TIMING CHARACTERISTICS
12
APPLICATION INFORMATION
13
PACKAGE OUTLINE
14
SOLDERING
14.1
Introduction to soldering surface mount
packages
14.2
Reflow soldering
14.3
Wave soldering
14.4
Manual soldering
14.5
Suitability of surface mount IC packages for
wave and reflow soldering methods
15
DEFINITIONS
16
LIFE SUPPORT APPLICATIONS
17
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com