Electronic Components Datasheet Search
  English  ▼

X  

SAA6721 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA6721
Description  SXGA RGB to TFT graphics engine
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6721 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA6721 Datasheet HTML 17Page - NXP Semiconductors SAA6721 Datasheet HTML 18Page - NXP Semiconductors SAA6721 Datasheet HTML 19Page - NXP Semiconductors SAA6721 Datasheet HTML 20Page - NXP Semiconductors SAA6721 Datasheet HTML 21Page - NXP Semiconductors SAA6721 Datasheet HTML 22Page - NXP Semiconductors SAA6721 Datasheet HTML 23Page - NXP Semiconductors SAA6721 Datasheet HTML 24Page - NXP Semiconductors SAA6721 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
1999 May 11
21
Philips Semiconductors
Preliminary specification
SXGA RGB to TFT graphics engine
SAA6721E
7.9.2
DOWNSCALING
The downscaling engine is used for reducing the incoming
RGB data stream, i.e. for displaying high resolution input
frames on panels with a smaller resolution. The scaling
ratio can be programmed independently for both horizontal
and vertical downscaling units. The algorithm uses pixel
accumulation, achieving a minimum scaling factor of 1
⁄64.
8
SYSTEM DESCRIPTION
8.1
Programming registers
The SAA6721E is a highly integrated device with many
features. To get the desired functionality and performance
it must be programmed correctly. In general, before
programming, the device must be switched to the internal
reset state to prevent unwanted functions while changing
the registers.
After writing to all registers the internal reset can be
released. There are some registers (mainly offset
counters) that can be changed during data processing
without an internal reset. All accesses to the on screen
display can be done during data processing.
Table 6
I2C-bus device address
Bit SAD = 0 the address is 74H, while bit SAD = 1 the
address is 76H.
Table 7 shows the programming model.
MSB
LSB
011101
SAD
R/W
Table 7
Programming register overview
ADDRESS R/W
D7
D6
D5
D4
D3
D2
D1
D0
State
0
R
reserved
1
R
reserved
2
R/W iic_test_register[7 to 0]
3R
intr
RGB mode detection
4
R
pos_
vsync
pos_
hsync
no_
vsync
no_
hsync
5
R
v_lines[7 to 0]
6
R
v_lines[10 to 8]
7
R
h_clocks[7 to 0]
8
R
h_clocks[11 to 8]
RGB auto-adjustment
9
W
ref_line[7 to 0]
10
W
ref_line[10 to 8]
11
W
ref_pixel[7 to 0]
12
W
ref_pixel[11 to 8]
13
W
ref_colour[7 to 0]
14
R
ref_pixel_red[7 to 0]
15
R
ref_pixel_green[7 to 0]
16
R
ref_pixel_blue[7 to 0]
17
R
black_lines[7 to 0]
18
R
black_pixels[7 to 0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com