Electronic Components Datasheet Search
  English  ▼

X  

SAA6721 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAA6721
Description  SXGA RGB to TFT graphics engine
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6721 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAA6721 Datasheet HTML 35Page - NXP Semiconductors SAA6721 Datasheet HTML 36Page - NXP Semiconductors SAA6721 Datasheet HTML 37Page - NXP Semiconductors SAA6721 Datasheet HTML 38Page - NXP Semiconductors SAA6721 Datasheet HTML 39Page - NXP Semiconductors SAA6721 Datasheet HTML 40Page - NXP Semiconductors SAA6721 Datasheet HTML 41Page - NXP Semiconductors SAA6721 Datasheet HTML 42Page - NXP Semiconductors SAA6721 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
1999 May 11
39
Philips Semiconductors
Preliminary specification
SXGA RGB to TFT graphics engine
SAA6721E
OVERLAY VERTICAL SYNC START
Start of vertical sync pulse with respect to top frame border
111 and 112
W
D10 to D0
COLOUR 0 TO 7 RED COMPONENT DEFINITION
Red colour component for overlay colour 0 to 7
113, 116, 119,
122, 125, 128,
131 and 134
WD7 to D0
COLOUR 0 TO 7 GREEN COMPONENT DEFINITION
Green colour component for overlay colour 0 to 7
114, 117, 120,
123, 126, 129,
132 and 135
WD7 to D0
COLOUR 0 TO 7 BLUE COMPONENT DEFINITION
Blue colour component for overlay colour 0 to 7
115, 118, 121,
124, 127, 130,
133 and 136
WD7 to D0
On screen display
GENERAL CONFIGURATION
OSD activation
137
W
D0
OSD is not visible
logic 0
OSD is visible
logic 1
OSD character size
D1
12
× 16 character matrix
logic 0
24
× 24 character matrix
logic 1
OSD zoom
D2
No zooming of OSD window
logic 0
Zoom by 2 of OSD window
logic 1
OSD WINDOW VERTICAL OFFSET
Vertical offset of OSD window from left frame border in pixel
138 and 139
W
D10 to D0
OSD WINDOW HORIZONTAL OFFSET
Horizontal offset of OSD window from top frame border in pixel
140 and 141
W
D11 to D0
OSD WINDOW VERTICAL SIZE
Vertical size of OSD window in characters
142
W
D5 to D0
OSD WINDOW HORIZONTAL SIZE
Horizontal size of OSD window in characters
143
W
D5 to D0
FOREGROUND COLOUR 0 TO 7 RED COMPONENT DEFINITION
Red colour component for foreground colour 0 to 7
144, 147, 150,
153, 156, 159,
162 and 165
WD7 to D0
NAME
SUBADDRESS
R/W
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com