Electronic Components Datasheet Search
  English  ▼

X  

SAA7113 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAA7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAA7113 Datasheet HTML 40Page - NXP Semiconductors SAA7113 Datasheet HTML 41Page - NXP Semiconductors SAA7113 Datasheet HTML 42Page - NXP Semiconductors SAA7113 Datasheet HTML 43Page - NXP Semiconductors SAA7113 Datasheet HTML 44Page - NXP Semiconductors SAA7113 Datasheet HTML 45Page - NXP Semiconductors SAA7113 Datasheet HTML 46Page - NXP Semiconductors SAA7113 Datasheet HTML 47Page - NXP Semiconductors SAA7113 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
1999 Jul 01
44
Philips Semiconductors
Product specification
9-bit video input processor
SAA7113H
Fig.30 Vertical timing diagram for 60 Hz [nominal input signal, VNL in normal mode (VNOI = 00), HPLL in VCR
or fast mode (HTC = 01 or 11)].
HREF: selectable on RTS0 and/or RTS1 via I2C-bus bits RTSE03 to RTSE00 and/or RTSE13 to RTSE10 = 7H.
ODD: selectable on RTS0 and/or RTS1 via I2C-bus bits RTSE03 to RTSE00 and/or RTSE13 to RTSE10 = AH.
VS: selectable on RTS0 and/or RTS1 via I2C-bus bits RTSE03 to 00 and/or RTSE13 to RTSE10 = BH.
V123: selectable on RTS0 and/or RTS1 via I2C-bus bits RTSE03 to RTSE00 and/or RTSE13 to RTSE10 = CH.
VREF: selectable on RTS0 and/or RTS1 via I2C-bus bits RTSE03 to RTSE00 and/or RTSE13 to RTSE10 = EH.
FID: selectable on RTS0 and/or RTS1 via I2C-bus bits RTSE03 to RTSE00 and/or RTSE13 to RTSE10 = FH.
(1) Line numbers in parenthesis refer to ITU line counting.
(2) VREF range short or long can be programmed via I2C-bus bit VRLN.
The luminance peaking and the chrominance trap are bypassed during VREF = 0 if I2C-bus bit VBLB is set to logic 1.
The chrominance delay line (chrominance-comb filter for NTSC, phase error correcting for PAL) is disabled during VREF = 0.
(3) FID changing line number and polarity programmable via VSTA8 to VSTA0 and FIDP, see Table 52.
(4) The inactive going edge of the V123-signal indicates whether the field is odd or even. If HREF is active during the falling edge of V123, the
field is odd. If HREF is inactive during the falling edge of V123, the field is even. The specific position of the slope is dependent on the internal
processing delay and may change a few clock cycles from version to version.
handbook, full pagewidth
RTS0/1 VS
VRLN = 1(2)
(b) 2nd field
(a) 1st field
input CVBS
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(20)
(3)
(2)
(1)
(525)
(21)
(22)(1)
VRLN = 1(3) (2)
VRLN = 0(3) (2)
1
2
34
56
7
8
17
525
524
523
522
18
19
(266)
(267)
(268)
(269)
(270)
(271)
(272)
(273)
(274)
(283)
(284)
(265)
(264)
(263)
(262)
263
264
265
266
267
268
269
270
271
280
281
262
261
260
259
(285)(1)
282
MHB337
520
× 2/LLC
RTS0/1 ODD
81
× 2/LLC
VRLN = 0(2)
RST0/1 HREF
RTS0/1 VREF
RTS0/1 VREF
RTS0/1 VREF
RTS0/1 VREF
RTS0/1 VS
RTS0/1 HREF
input CVBS
RTS0/1 ODD
RTS0/1 V123(4)
RTS0/1 FID(3)
RTS0/1 V123(4)
RTS0/1 FID(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com