Electronic Components Datasheet Search
  English  ▼

X  

SAA7113 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # SAA7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button SAA7113 Datasheet HTML 67Page - NXP Semiconductors SAA7113 Datasheet HTML 68Page - NXP Semiconductors SAA7113 Datasheet HTML 69Page - NXP Semiconductors SAA7113 Datasheet HTML 70Page - NXP Semiconductors SAA7113 Datasheet HTML 71Page - NXP Semiconductors SAA7113 Datasheet HTML 72Page - NXP Semiconductors SAA7113 Datasheet HTML 73Page - NXP Semiconductors SAA7113 Datasheet HTML 74Page - NXP Semiconductors SAA7113 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
1999 Jul 01
71
Philips Semiconductors
Product specification
9-bit video input processor
SAA7113H
15.2.27 SUBADDRESS 58H
Table 63 Framing code for programmable data types
15.2.28 SUBADDRESS 59H
Table 64 Horizontal offset
15.2.29 SUBADDRESS 5AH
Table 65 Vertical offset
15.2.30 SUBADDRESS 5BH
Table 66 Field offset, MSBs for vertical and horizontal offsets
15.2.31 SUBADDRESS 5EH
Table 67 SDID codes
SLICER SET (58H)
CONTROL BITS D7 TO D0
PROGRAMMABLE FRAMING CODE
FC7 TO FC0
(Default)
40H
SLICER SET (59H, 5BH)
CONTROL BITS ADDRESS 5BH,
DATA BITS D2 TO D0
CONTROL BITS ADDRESS 59H,
DATA BITS D7 TO D0
HORIZONTAL OFFSET
HOFF10 TO HOFF8
HOFF7 TO HOFF0
Recommended value
3H
54H
SLICER SET (5AH, 5BH)
CONTROL BIT 5BH, D4
CONTROL BITS ADDRESS 5AH,
DATA BITS D7 TO D0
VERTICAL OFFSET
VOFF8
VOFF7 TO VOFF0
Minimum value 0
0
0H
Maximum value 312
1
38H
Value for 50 Hz 625 lines input
0
07H
Value for 60 Hz 525 lines input
0
0AH
SLICER SET (5BH)
CONTROL BIT D7
FIELD OFFSET
FOFF
No modification of internal field indicator
0
Invert field indicator (even/odd; default)
1
SLICER SET (5EH)
D5
D4
D3
D2
D1
D0
SDID codes
SDID5
SDID4
SDID3
SDID2
SDID1
SDID0
SDID5 to SDID0 = 0H (default)
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com