Electronic Components Datasheet Search
  English  ▼

X  

SAA7113 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7113 Datasheet HTML 1Page - NXP Semiconductors SAA7113 Datasheet HTML 2Page - NXP Semiconductors SAA7113 Datasheet HTML 3Page - NXP Semiconductors SAA7113 Datasheet HTML 4Page - NXP Semiconductors SAA7113 Datasheet HTML 5Page - NXP Semiconductors SAA7113 Datasheet HTML 6Page - NXP Semiconductors SAA7113 Datasheet HTML 7Page - NXP Semiconductors SAA7113 Datasheet HTML 8Page - NXP Semiconductors SAA7113 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
1999 Jul 01
3
Philips Semiconductors
Product specification
9-bit video input processor
SAA7113H
1
FEATURES
• Four analog inputs, internal analog source selectors,
e.g. 4
× CVBS or 2 × Y/C or (1 × Y/C and 2 × CVBS)
• Two analog preprocessing channels in differential
CMOS style for best S/N-performance
• Fully programmable static gain or automatic gain control
for the selected CVBS or Y/C channel
• Switchable white peak control
• Two built-in analog anti-aliasing filters
• Two 9-bit video CMOS Analog-to-Digital Converters
(ADCs), digitized CVBS or Y/C-signals are available on
the VPO-port via I2C-bus control
• On-chip clock generator
• Line-locked system clock frequencies
• Digital PLL for horizontal sync processing and clock
generation, horizontal and vertical sync detection
• Requires only one crystal (24.576 MHz) for all standards
• Automatic detection of 50 and 60 Hz field frequency,
and automatic switching between PAL and NTSC
standards
• Luminance and chrominance signal processing for
PAL BGHI, PAL N, combination PAL N, PAL M,
NTSC M, NTSC N, NTSC 4.43, NTSC-Japan and
SECAM
• User programmable luminance peaking or aperture
correction
• Cross-colour reduction for NTSC by chrominance comb
filtering
• PAL delay line for correcting PAL phase errors
• Brightness Contrast Saturation (BCS) and hue control
on-chip
• Real-time status information output (RTCO)
• Two multi functional real-time output pins controlled by
I2C-bus
• Multi-standard VBI-data slicer decoding World Standard
Teletext (WST), North-American Broadcast Text
System (NABTS), closed caption, Wide Screen
Signalling (WSS), Video Programming System (VPS),
Vertical Interval Time Code (VITC) variants
(EBU/SMPTE) etc.
• Standard ITU 656 YUV4:2:2 format (8-bit) on VPO
output bus
• Enhanced ITU 656 output format on VPO output bus
containing:
– active video
– raw CVBS data for INTERCAST applications
(27 MHz data rate)
– decoded VBI data
• Boundary scan test circuit complies with the “IEEE Std.
1149.b1 - 1994” (ID-Code = 1 7113 02B)
• I2C-bus controlled (full read-back ability by an external
controller, bit rate up to 400 kbits/s)
• Low power (<0.5 W), low voltage (3.3 V), small package
(QFP44)
• Power saving mode by chip enable input
• 5 V tolerant digital I/O ports
• Detection of copy protected input signals according to
the macrovision standard. Can be used to prevent
unauthorized recording of pay-TV or video tape signals.
2
APPLICATIONS
• Notebook (low power consumption)
• PCMCIA card application
• AGP based graphics cards
• Image processing
• Video phone applications
• Intercast and PC teletext applications
• Security applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com