Electronic Components Datasheet Search
  English  ▼

X  

SAA7113 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SAA7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SAA7113 Datasheet HTML 45Page - NXP Semiconductors SAA7113 Datasheet HTML 46Page - NXP Semiconductors SAA7113 Datasheet HTML 47Page - NXP Semiconductors SAA7113 Datasheet HTML 48Page - NXP Semiconductors SAA7113 Datasheet HTML 49Page - NXP Semiconductors SAA7113 Datasheet HTML 50Page - NXP Semiconductors SAA7113 Datasheet HTML 51Page - NXP Semiconductors SAA7113 Datasheet HTML 52Page - NXP Semiconductors SAA7113 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 24 I2C-bus receiver/transmitter overview
REGISTER FUNCTION
SUB-
ADDR.
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Chip version (read only)
00
ID07
ID06
ID05
ID04
−−−−
Increment delay
01
(1)
(1)
(1)
(1)
IDEL3
IDEL2
IDEL1
IDEL0
Analog input control 1
02
FUSE1
FUSE0
GUDL1
GUDL0
MODE3
MODE2
MODE1
MODE0
Analog input control 2
03
(1)
HLNRS
VBSL
WPOFF
HOLDG
GAFIX
GAI28
GAI18
Analog input control 3
04
GAI17
GAI16
GAI15
GAI14
GAI13
GAI12
GAI11
GAI10
Analog input control 4
05
GAI27
GAI26
GAI25
GAI24
GAI23
GAI22
GAI21
GAI20
Horizontal sync start
06
HSB7
HSB6
HSB5
HSB4
HSB3
HSB2
HSB1
HSB0
Horizontal sync stop
07
HSS7
HSS6
HSS5
HSS4
HSS3
HSS2
HSS1
HSS0
Sync control
08
AUFD
FSEL
FOET
HTC1
HTC0
HPLL
VNOI1
VNOI0
Luminance control
09
BYPS
PREF
BPSS1
BPSS0
VBLB
UPTCV
APER1
APER0
Luminance brightness
0A
BRIG7
BRIG6
BRIG5
BRIG4
BRIG3
BRIG2
BRIG1
BRIG0
Luminance contrast
0B
CONT7
CONT6
CONT5
CONT4
CONT3
CONT2
CONT1
CONT0
Chroma saturation
0C
SATN7
SATN6
SATN5
SATN4
SATN3
SATN2
SATN1
SATN0
Chroma hue control
0D
HUEC7
HUEC6
HUEC5
HUEC4
HUEC3
HUEC2
HUEC1
HUEC0
Chroma control
0E
CDTO
CSTD2
CSTD1
CSTD0
DCCF
FCTC
CHBW1
CHBW0
Chroma gain control
0F
ACGC
CGAIN6
CGAIN5
CGAIN4
CGAIN3
CGAIN2
CGAIN1
CGAIN0
Format/delay control
10
OFTS1
OFTS0
HDEL1
HDEL0
VRLN
YDEL2
YDEL1
YDEL0
Output control 1
11
GPSW1
CM99
GPSW0
HLSEL
OEYC
OERT
VIPB
COLO
Output control 2
12
RTSE13
RTSE12
RTSE11
RTSE10
RTSE03
RTSE02
RTSE01
RTSE00
Output control 3
13
ADLSB
(1)
(1)
OLDSB
FIDP
(1)
AOSL1
AOSL0
Reserved
14
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
V_GATE1_START
15
VSTA7
VSTA6
VSTA5
VSTA4
VSTA3
VSTA2
VSTA1
VSTA0
V_GATE1_STOP
16
VSTO7
VSTO6
VSTO5
VSTO4
VSTO3
VSTO2
VSTO1
VSTO0
V_GATE1_MSB
17
(1)
(1)
(1)
(1)
(1)
(1)
VSTO8
VSTA8
Reserved
18 to 1E
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Status byte (read only,
OLDSB = 0)
1F
INTL
HLVLN
FIDT
GLIMT
GLIMB
WIPA
COPRO
RDCAP
Status byte (read only,
OLDSB = 1)
1F
INTL
HLCK
FIDT
GLIMT
GLIMB
WIPA
SLTCA
CODE
Reserved
20 to 3F
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com