Electronic Components Datasheet Search
  English  ▼

X  

SAA7113 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7113 Datasheet HTML 1Page - NXP Semiconductors SAA7113 Datasheet HTML 2Page - NXP Semiconductors SAA7113 Datasheet HTML 3Page - NXP Semiconductors SAA7113 Datasheet HTML 4Page - NXP Semiconductors SAA7113 Datasheet HTML 5Page - NXP Semiconductors SAA7113 Datasheet HTML 6Page - NXP Semiconductors SAA7113 Datasheet HTML 7Page - NXP Semiconductors SAA7113 Datasheet HTML 8Page - NXP Semiconductors SAA7113 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
1999 Jul 01
4
Philips Semiconductors
Product specification
9-bit video input processor
SAA7113H
3
GENERAL DESCRIPTION
The 9-bit video input processor is a combination of a
two-channel analog preprocessing circuit including source
selection, anti-aliasing filter and ADC, an automatic clamp
and gain control, a Clock Generation Circuit (CGC), a
digital multi-standard decoder (PAL BGHI, PAL M, PAL N,
combination PAL N, NTSC M, NTSC-Japan, NTSC N and
SECAM), a brightness, contrast and saturation control
circuit, a multi-standard VBI data slicer and a 27 MHz
VBI data bypass; see Fig.1.
The pure 3.3 V (5 V compatible) CMOS circuit SAA7113H,
analog front-end and digital video decoder, is a highly
integrated circuit for desktop video applications.
The decoder is based on the principle of line-locked clock
decoding and is able to decode the colour of PAL, SECAM
and NTSC signals into CCIR-601 compatible colour
component values. The SAA7113H accepts as analog
inputs CVBS or S-video (Y/C) from TV or VTR sources.
The circuit is I2C-bus controlled.
The integrated high performance multi-standard data
slicer supports several VBI data standards:
• Teletext [WST (World Standard Teletext), CCST
(Chinese teletext)] (625 lines)
• Teletext [US-WST, NABTS (North-American Broadcast
Text System) and MOJI (Japanese teletext)] (525 lines)
• Closed caption [Europe, US (line 21)]
• Wide Screen Signalling (WSS)
• Video Programming Signal (VPS)
• Time codes (VITC EBU/SMPTE)
• HIGH-speed VBI data bypass for intercast application.
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.1
3.3
3.5
V
Tamb
operating ambient temperature
0
25
70
°C
PA+D
analog and digital power dissipation
−
0.4
−
W
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7113H QFP44 plastic quad flat package; 44 leads (lead length 1.3 mm); body 10
× 10 × 1.75 mm SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com