Electronic Components Datasheet Search
  English  ▼

X  

SAA7113 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SAA7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SAA7113 Datasheet HTML 22Page - NXP Semiconductors SAA7113 Datasheet HTML 23Page - NXP Semiconductors SAA7113 Datasheet HTML 24Page - NXP Semiconductors SAA7113 Datasheet HTML 25Page - NXP Semiconductors SAA7113 Datasheet HTML 26Page - NXP Semiconductors SAA7113 Datasheet HTML 27Page - NXP Semiconductors SAA7113 Datasheet HTML 28Page - NXP Semiconductors SAA7113 Datasheet HTML 29Page - NXP Semiconductors SAA7113 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
1999 Jul 01
26
Philips Semiconductors
Product specification
9-bit video input processor
SAA7113H
8.10
Digital output port VPO7 to VPO0
The 8-bit VPO-bus can carry 16 data types in three different formats, selectable by the control registers LCR2 to LCR24
(see also Chapter 15, subaddresses 41H to 57H).
Table 4
VPO-bus data formats and types
Note
1. The number of valid bytes per line can be less for the sliced data format if standard not recognized (wrong standard
or poor input signal).
DATA TYPE
NUMBER
DATA
FORMAT
DATA TYPE
NAME
NUMBER OF VALID
BYTES SENT PER
LINE
0
sliced
teletext EuroWST, CCST
WST625
88
1
sliced
European closed caption
CC625
8
2
sliced
VPS
VPS
56
3
sliced
Wide screen signalling bits
WSS
32
4
sliced
US teletext (WST)
WST525
72
5
sliced
US closed caption (line 21)
CC525
8
6
YUV4:2:2 video component signal, VBI region
test line
1440
7
raw
oversampled CVBS data
intercast
programmable
8
sliced
teletext
general text
88
9
sliced
VITC/EBU time codes (Europe)
VITC625
26
10
sliced
VITC/SMPTE time codes (USA)
VITC625
26
11
reserved
reserved
−−
12
sliced
US NABTS
NABTS
72
13
sliced
MOJI (Japanese)
Japtext
74
14
sliced
Japanese format switch (L20/22)
JFS
56
15
YUV4:2:2 video component signal, active video region active video
1440
For each LCR value from 2 to 23 the data type can be
programmed individually. LCR2 to LCR23 refer to line
numbers. The selection in LCR24 values is valid for the
rest of the corresponding field. The upper nibble contains
the value for field 1 (odd), the lower nibble for field 2
(even). The relationship between LCR values and line
numbers can be adjusted via VOFF8 to VOFF0 (located in
subaddresses 5BH, bit 4 and 5AH, bits 7 to 0).
The recommended values are 07H for 50 Hz sources and
0AH for 60 Hz sources, to accommodate line number
conventions as used for PAL, SECAM and
NTSC standards; see Tables 8 to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com