Electronic Components Datasheet Search
  English  ▼

X  

SAA7113 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAA7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAA7113 Datasheet HTML 35Page - NXP Semiconductors SAA7113 Datasheet HTML 36Page - NXP Semiconductors SAA7113 Datasheet HTML 37Page - NXP Semiconductors SAA7113 Datasheet HTML 38Page - NXP Semiconductors SAA7113 Datasheet HTML 39Page - NXP Semiconductors SAA7113 Datasheet HTML 40Page - NXP Semiconductors SAA7113 Datasheet HTML 41Page - NXP Semiconductors SAA7113 Datasheet HTML 42Page - NXP Semiconductors SAA7113 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
1999 Jul 01
39
Philips Semiconductors
Product specification
9-bit video input processor
SAA7113H
Notes
1. The levels must be measured with load circuits; 1.2 k
Ω at 3 V (TTL load); CL = 50 pF.
2. The effects of rise and fall times are included in the calculation of tOHD;DAT, tPD and tPDZ. Timings and levels refer to
drawings and conditions illustrated in Fig.26.
3. Order number: Philips 4322 143 05291.
Clock output timing (LLC); note 2
CL(LLC)
output load capacitance
15
−
40
pF
Tcy
cycle time
LLC
35
−
39
ns
δ
LLC
duty factors for tLLCH/tLLC
CL =25pF
40
−
60
%
tr
rise time LLC
−−
5ns
tf
fall time LLC
−−
5ns
Clock input timing (XTALI)
δXTALI
duty factor for tXTALIH/tXTALI nominal frequency
40
−
60
%
Horizontal PLL
fHn
nominal line frequency
50 Hz field
−
15625
−
Hz
60 Hz field
−
15734
−
Hz
∆f
H/fHn
permissible static deviation
−−
5.7
%
Subcarrier PLL
fSCn
nominal subcarrier
frequency
PAL BGHIN
−
4433619
−
Hz
NTSC M; NTSC-Japan
−
3579545
−
Hz
PAL M
−
3575612
−
Hz
combination-PAL N
−
3582056
−
Hz
∆f
SC
lock-in range
±400
−−
Hz
Crystal oscillator
fn
nominal frequency
3rd harmonic; note 3
−
24.576
−
MHz
∆f/fn
permissible nominal
frequency deviation
−−
±50
10−6
∆Tf/fn(T)
permissible nominal
frequency deviation with
temperature
−−
±20
10−6
CRYSTAL SPECIFICATION (X1)
Tamb(X1)
operating ambient
temperature
0
−
70
°C
CL
load capacitance
8
−−
pF
Rs
series resonance resistor
−
40
80
Ω
C1
motional capacitance
−
1.5
±20% −
fF
C0
parallel capacitance
−
3.5
±20% −
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com