Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0256 Datasheet(PDF) 28 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 28 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 32Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
28
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
12.2.1.6.23 Word 66: Device Recommended Multi-word DMA Cycle Time
This field defines the NANDrive recommended Multi-word DMA transfer cycle time. This field defines, in
nanoseconds, the minimum cycle time per word during a single sector host transfer while performing a
multiple sector READ DMA or WRITE DMA command for any location on the media under nominal
conditions. If a host runs at a faster cycle rate by operating at a cycle time of less than this value, the
NANDrive may negate DMARQ for flow control. The rate at which DMARQ is negated could result in
reduced throughput despite the faster cycle rate. Transfer at this rate does not ensure that flow control
will not be used, but implies that higher performance may result. SST NANDrive supports up to Multi-
word DMA Mode-2, so this field is set to 120 ns.
12.2.1.6.24 Word 67: Minimum PIO Transfer Cycle Time Without Flow Control
The NANDrive’s minimum cycle time is 120 ns.
12.2.1.6.25 Word 68: Minimum PIO Transfer Cycle Time With IORDY
The NANDrive’s minimum cycle time is 120 ns, e.g., PIO Mode-4.
12.2.1.6.26 Word 80: Major Version Number
If not 0000H or FFFFH, the device claims compliance with the major version(s) as indicated by bits (6:1)
being set to one. Since ATA standards maintain downward compatibility, a device may set more than
one bit. NANDrive supports ATA-1 to ATA-6.
12.2.1.6.27 Word 81: Minor Version Number
If an implementer claims that the revision of the standard they used to guide their implementation does
not need to be reported or if the implementation was based upon a standard prior to the ATA-3
standard, word 81 should be 0000H or FFFFH.
A value of 0019H reported in word 81 indicates ATA/ATAPI-6 T13 1410D revision 3a guided the
implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com