Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0256 Datasheet(PDF) 32 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 32 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 36Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
32
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
12.2.1.6.34 Word 160: CFA Power Mode Description
This word indicates the presence and status of a CFA feature set device that supports CFA power mode 1.
Bit
Function
13
Power Level 1 Command Support
1: Power Level 1 commands not supported
0: Power Level 1 commands supported
12
Power Level 1 Command Enable
1: Power Level 1 Commands not enabled
0: Power Level 1 Commands enabled
11-0
This field indicates the maximum average RMS current in mA required during 3.3V or 5V
device operation in CFA power mode 1.
12.2.1.7 Idle - 97H or E3H
This command causes the NANDrive to set BSY, enter the Idle mode, clear BSY and generate an
interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count being 5
milliseconds and the automatic Power-down mode is enabled. If the sector count is zero, the automatic
Power-down mode is also enabled, the timer count is set to 3, with each count being 5 ms. Note that
this time base (5 msec) is different from the ATA specification.
12.2.1.8 Idle-Immediate - 95H or E1H
This command causes the NANDrive to set BSY, enter the Idle mode, clear BSY and generate an
interrupt.
Bit ->
76543210
Command (7)
97H or E3H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Timer Count (5 msec increments)
Feature (1)
X
Bit ->
76543210
Command (7)
95H or E1H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com