Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0256 Datasheet(PDF) 71 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 71 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 65Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 66Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 67Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 68Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 69Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 70Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 71Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 72Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 73Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
71
15.0 PRODUCT ORDERING INFORMATION
15.1 Valid Combinations
SST85LD0128-120-C-LBZE
SST85LD0256-120-C-LBZE
SST85LD0512-120-C-LBZE
SST85LD0128-120-I-LBZE
SST85LD0256-120-I-LBZE
SST85LD0512-120-I-LBZE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
SST
85
LD
X
XXX - 120
-
C -
XXX E
XX
XX
X
XXX - XXX -X -XXX X
Environmental Attribute
E1 = non-Pb
Package Modifier
Z = >100 ball positions (some positions
unpopulated)
Package Type
LB = LBGA
Operation Temperature
C = Commercial: 0°C to +70°C
I = Industrial: -40°C to +85°C
Host Access Time
120= 120ns - PIO Mode - 4
Capacity
128 = 128 MByte
256 = 256 MByte
512 = 512 MByte
MByte or GByte Designator
0 = MByte
Voltage
L = 3.3V
Product Series
85 = NANDrive
1 Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com