Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0256 Datasheet(PDF) 64 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 64 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 60Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 61Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 62Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 63Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 64Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 65Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 66Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 67Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 68Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
64
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
13.2.2 Host Side Interface I/O Output (Write) Timing Specification
Note: The maximum load on IOCS16# is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE
13-3: Host Side Interface I/O Write Timing Diagram
TABLE
13-8: Host Side Interface I/O Write Timing Specification
Symbol
Parameter
Min
Max
Units
TSU (IOWR#)
Data Setup before IOWR#
20
-
ns
TH (IOWR#)
Data Hold following IOWR#
10
-
ns
TW (IOWR#)
IOWR# Width Time
70
-
ns
TSUA (IOWR#)
Address Setup before IOWR#
25
-
ns
THA (IOWR#)
Address Hold following IOWR#
10
-
ns
TDF IOCS16#(ADR)
IOCS16# Delay Falling from Address
-
20
ns
TDR IOCS16#(ADR)
IOCS16# Delay Rising from Address
-
20
ns
T13-8.0 1319
1319 F04.0
TDR IOCS16#(ADR)
TDF IOCS16#(ADR)
THA (IOWR#)
TH (IOWR#)
TSU (IOWR#)
DIN Valid
TSUA (IOWR#)
TW (IOWR#)
Valid Address
IOWR#
IOCS16#
D15-D0
Note: Valid Address consists of signals CS1FX#, CS3FX# and A2-A0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com