Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0256 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
14
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
10.0 POWER-ON AND BROWN-OUT RESET CHARACTERISTICS
Please contact SST to obtain NANDrive reference design schematics including the POR# circuit for commercial
and industrial NANDrive offerings.
FIGURE
10-1: Power-on and Brown-out Reset Timing (Commercial Temperature)
FIGURE
10-2: Power-on and Brown-out Reset Timing (Industrial Temperature)
TABLE
10-1: Power-on and Brown-out Reset Timing (Commercial Temperature)
Item
Symbol
Min
Max
Units
VDD/POR# Rise Time1
1. VDD Rise Time should be faster than or equal to POR# Rise Time.
TR
200
ms
VDD/POR# Fall Time2
2. VDD Fall Time should be slower than or equal to POR# Fall Time.
TF
200
ms
T10-1.0 1319
TABLE
10-2: Power-on and Brown-out Reset Timing (Industrial Temperature)
Item
Symbol
Min
Max
Units
POR Wait Time
TW
0.1
ms
Brown-out Delay Time
TD
30
µs
T10-2.0 1319
1298 F01.1
VDD/POR#
TR
90%
10%
TF
90%
10%
VDD
TW
90%
POR#
1298 F01b.0
TD
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com