Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0256 Datasheet(PDF) 63 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 63 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 59Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 60Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 61Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 62Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 63Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 64Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 65Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 66Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 67Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
63
13.2 AC Characteristics
FIGURE
13-1: AC Input/Output Reference Waveforms
13.2.1 Host Side Interface I/O Input (Read) Timing Specification
Note: The maximum load on IOCS16# is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE
13-2: Host Side Interface I/O Read Timing Diagram
TABLE
13-7: Host Side Interface I/O Read Timing
Symbol
Parameter
Min
Max
Units
TSU (IORD#)
Data Setup before IORD#
20
-
ns
TH (IORD#)
Data Hold following IORD#
5
-
ns
TW (IORD#)
IORD# Width Time
70
-
ns
TSUA (IORD#)
Address Setup before IORD#
25
-
ns
THA (IORD#)
Address Hold following IORD#
10
-
ns
TDF IOCS16#(ADR) IOCS16# Delay Falling from Address
-
20
ns
TDR IOCS16#(ADR) IOCS16# Delay Rising from Address
-
20
ns
T13-7.0 1319
1319 F02.0
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Measurement reference
points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10% ↔ 90%) are <10 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
1319 F03.0
TDR IOCS16#(ADR)
TDF IOCS16#(ADR)
THA (IORD#)
TH (IORD#)
TSUA (IORD#)
T
SU (IORD#)
TW (IORD#)
Valid Address
IORD#
IOCS16#
D15-D0
DOUT
Note: Valid Address consists of signals CS1FX#, CS3FX# and A2-A0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com