Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products MAX2016 Datasheet HTML 10Page - Maxim Integrated Products MAX2016 Datasheet HTML 11Page - Maxim Integrated Products MAX2016 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX2016 EV kit, VCC = 3.3V, R1 = R2 = R3 = 0
Ω, CSETL = CSETH = VCC, TA = +25°C, unless otherwise noted.)
VOUTA vs. PRFINA
PRFINA (dBm)
-5
-25
-45
0.5
1.0
1.5
2.0
2.5
0
-65
15
fIN = 1900MHz
TA = -20
°C
TA = +25
°C
TA = +85
°C
VOUTA ERROR vs. PRFINA
PRFINA (dBm)
-5
-25
-45
-2
-1
0
1
2
3
-3
-65
15
fIN = 1900MHz
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C
VOUTA vs. PRFINA
PRFINA (dBm)
0
-20
-40
-60
0.5
1.0
1.5
2.0
2.5
0
-80
20
fIN = 100MHz
TA = -20
°C
TA = +25
°C
TA = +85
°C
VOUTA ERROR vs. PRFINA
PRFINA (dBm)
0
-20
-40
-60
-2
-1
0
1
2
3
-3
-80
20
fIN = 100MHz
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C
VOUTA vs. PRFINA
PRFINA (dBm)
0
-20
-40
-60
0.5
1.0
1.5
2.0
2.5
0
-80
20
fIN = 900MHz
TA = -20
°C
TA = +25
°C
TA = +85
°C
VOUTA ERROR vs. PRFINA
PRFINA (dBm)
0
-15
-30
-45
-60
-2
-1
0
1
2
3
-3
-75
15
fIN = 900MHz
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com